전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L78M05AB 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 L78M05AB
상세설명  Precision 500 mA regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M05AB 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button L78M05AB Datasheet HTML 14Page - STMicroelectronics L78M05AB Datasheet HTML 15Page - STMicroelectronics L78M05AB Datasheet HTML 16Page - STMicroelectronics L78M05AB Datasheet HTML 17Page - STMicroelectronics L78M05AB Datasheet HTML 18Page - STMicroelectronics L78M05AB Datasheet HTML 19Page - STMicroelectronics L78M05AB Datasheet HTML 20Page - STMicroelectronics L78M05AB Datasheet HTML 21Page - STMicroelectronics L78M05AB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Applications information
L78MxxAB, L78MxxAC
18/31
Doc ID 2147 Rev 13
Note:
The circuit of Figure 19 can be modified to provide supply protection against short-circuits
by adding a short-circuit sense resistor, RSC, and an additional PNP transistor. The current
sensing PNP must be able to handle the short-circuit current of the three-terminal regulator.
Therefore, a four ampere plastic power transistor is specified.
Figure 19.
Current boost regulator
IO = IREG + Q1 (IREG ______)
VBEQ1
R1
R1 = ______________
VBEQ1
IREQ-(IQ1/bQ1)
Figure 20.
Short-circuit protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31