전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPS001WP 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 LPS001WP
상세설명  MEMS pressure sensor 300-1100 mbar absolute digital output barometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS001WP 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button LPS001WP Datasheet HTML 22Page - STMicroelectronics LPS001WP Datasheet HTML 23Page - STMicroelectronics LPS001WP Datasheet HTML 24Page - STMicroelectronics LPS001WP Datasheet HTML 25Page - STMicroelectronics LPS001WP Datasheet HTML 26Page - STMicroelectronics LPS001WP Datasheet HTML 27Page - STMicroelectronics LPS001WP Datasheet HTML 28Page - STMicroelectronics LPS001WP Datasheet HTML 29Page - STMicroelectronics LPS001WP Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Register description
LPS001WP
26/30
Doc ID 18171 Rev 1
This register contains the high part of threshold value for pressure interrupt generation.
The complete threshold value is given by THS_P_H & THS_P_L and is expressed as an
unsigned number.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30