| 전자부품 데이터시트 검색엔진 |
|
L7824AB 데이터시트(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7824AB 데이터시트(HTML) 47 Page - STMicroelectronics |
|
47 / 57 page ![]() DocID2143 Rev 31 47/57 L78xx, L78xxC, L78xxAB, L78xxAC Package mechanical data Table 26. DPAK mechanical data Dim. mm. inch. Min. Typ. Max. Min. Typ. Max. A 2.2 2.4 0.086 0.094 A1 0.9 1.1 0.035 0.043 A2 0.03 0.23 0.001 0.009 B 0.64 0.9 0.025 0.035 b4 5.2 5.4 0.204 0.212 C 0.45 0.6 0.017 0.023 C2 0.48 0.6 0.019 0.023 D 6 6.2 0.236 0.244 D1 5.1 0.200 E 6.4 6.6 0.252 0.260 E1 4.7 0.185 e2.28 0.090 e1 4.4 4.6 0.173 0.181 H 9.35 10.1 0.368 0.397 L 1 0.039 (L1) 2.8 0.110 L2 0.8 0.031 L4 0.6 1 0.023 0.039 R0.2 0.008 V2 0° 8° 0° 8° |