| 전자부품 데이터시트 검색엔진 |
|
24FC256TESN 데이터시트(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC256TESN 데이터시트(HTML) 5 Page - Microchip Technology |
|
5 / 42 page ![]() 1998-2013 Microchip Technology Inc. DS20001203T-page 5 24AA256/24LC256/24FC256 2.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 2-1. TABLE 2-1: PIN FUNCTION TABLE 2.1 A0, A1, A2 Chip Address Inputs The A0, A1 and A2 inputs are used by the 24XX256 for multiple device operations. The levels on these inputs are compared with the corresponding bits in the slave address. The chip is selected if the compare is true. For the MSOP package only, pins A0 and A1 are not connected. Up to eight devices (two for the MSOP package) may be connected to the same bus by using different Chip Select bit combinations. These inputs must be connected to either VCC or VSS. In most applications, the chip address inputs A0, A1 and A2 are hard-wired to logic ‘0’ or logic ‘1’. For applications in which these pins are controlled by a microcontroller or other programmable device, the chip address pins must be driven to logic ‘0’ or logic ‘1’ before normal device operation can proceed. 2.2 Serial Data (SDA) This is a bidirectional pin used to transfer addresses and data into and out of the device. It is an open drain terminal. Therefore, the SDA bus requires a pull-up resistor to VCC (typical 10 k for 100 kHz, 2 k for 400kHz and 1MHz). For normal data transfer, SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the Start and Stop conditions. 2.3 Serial Clock (SCL) This input is used to synchronize the data transfer to and from the device. 2.4 Write-Protect (WP) This pin must be connected to either VSS or VCC. If tied to VSS, write operations are enabled. If tied to VCC, write operations are inhibited but read operations are not affected. 3.0 FUNCTIONAL DESCRIPTION The 24XX256 supports a bidirectional 2-wire bus and data transmission protocol. A device that sends data onto the bus is defined as a transmitter and a device receiving data as a receiver. The bus must be controlled by a master device which generates the Serial Clock (SCL), controls the bus access, and generates the Start and Stop conditions while the 24XX256 works as a slave. Both master and slave can operate as a transmitter or receiver, but the master device determines which mode is activated. Name 8-pin PDIP 8-pin SOIC 8-pin TSSOP 8-pin MSOP 8-pin DFN/TDFN CS Function A0 1 1 1 — 1 3 User Configurable Chip Select A1 2 2 2 — 2 2 User Configurable Chip Select (NC) — — — 1, 2 — — Not Connected A2 3 3 3 3 3 5 User Configurable Chip Select VSS 4 4 4 4 4 8 Ground SDA 5 5 5 5 5 6 Serial Data SCL 6 6 6 6 6 7 Serial Clock (NC) — — — — — — Not Connected WP 7 7 7 7 7 4 Write-Protect Input VCC 8 8 8 8 8 1 +1.7V to 5.5V (24AA256) +2.5V to 5.5V (24LC256) +1.7V to 5.5V (24FC256) Note: Exposed pad on DFN/TDFN can be connected to VSS or left floating. |