전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC10F222E/OT 데이터시트(PDF) 75 Page - Microchip Technology

부품명 PIC10F222E/OT
상세설명  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222E/OT 데이터시트(HTML) 75 Page - Microchip Technology

Back Button PIC10F222E/OT Datasheet HTML 71Page - Microchip Technology PIC10F222E/OT Datasheet HTML 72Page - Microchip Technology PIC10F222E/OT Datasheet HTML 73Page - Microchip Technology PIC10F222E/OT Datasheet HTML 74Page - Microchip Technology PIC10F222E/OT Datasheet HTML 75Page - Microchip Technology PIC10F222E/OT Datasheet HTML 76Page - Microchip Technology PIC10F222E/OT Datasheet HTML 77Page - Microchip Technology PIC10F222E/OT Datasheet HTML 78Page - Microchip Technology PIC10F222E/OT Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 73
PIC10F220/222
13.0
PACKAGING INFORMATION
13.1
Package Marking Information
XXX
8-Lead DFN*
YWW
NN
Example
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
Example
PIC10F220
0520
6-Lead SOT-23*
XXNN
Example
20JR
3
e
I/P
07Q
BJ0
625
3Q
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86