| 전자부품 데이터시트 검색엔진 |
|
PIC10F222E/MC 데이터시트(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F222E/MC 데이터시트(HTML) 58 Page - Microchip Technology |
|
58 / 86 page ![]() PIC10F220/222 DS41270E-page 56 © 2007 Microchip Technology Inc. TABLE 10-1: PULL-UP RESISTOR RANGES VDD (Volts) Temperature ( °C) Min Typ Max Units GP0/GP1 2.0 -40 73K 105K 186K Ω 25 73K 113K 187K Ω 85 82K 123K 190K Ω 125 86K 132k 190K Ω 5.5 -40 15K 21K 33K Ω 25 15K 22K 34K Ω 85 19K 26k 35K Ω 125 23K 29K 35K Ω GP3 2.0 -40 63K 81K 96K Ω 25 77K 93K 116K Ω 85 82K 96k 116K Ω 125 86K 100K 119K Ω 5.5 -40 16K 20k 22K Ω 25 16K 21K 23K Ω 85 24K 25k 28K Ω 125 26K 27K 29K Ω |