전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD43_90B 데이터시트(PDF) 1 Page - Powerex Power Semiconductors

부품명 CD43_90B
상세설명  POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD43_90B 데이터시트(HTML) 1 Page - Powerex Power Semiconductors

  CD43_90B Datasheet HTML 1Page - Powerex Power Semiconductors CD43_90B Datasheet HTML 2Page - Powerex Power Semiconductors CD43_90B Datasheet HTML 3Page - Powerex Power Semiconductors CD43_90B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
90 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD43__90B
CD43 Outline Dimensions
Dimension
Inches
Millimeters
A
3.66
93
B
0.79
20
C
3.15
80
D
1.18
30
F
0.61
15.5
G
0.79
20
H
0.79
20
J
0.16
4
K
0.22
5.7
L
0.59
15
M
1.10
28
N
0.31
8
P
0.94
24
Q
1.16
29.4
S
0.11 x .03
2.8 x 0.8
T
0.25
6.4
U
M5
M5
Note: Dimensions are for reference only.
CD43__90B
Dual SCR Isolated
POW-R-BLOK
TM Module
90 Amperes / Up to 1800 Volts
Ordering Information
:
Select the complete nine digit module
part number from the table below.
Example: CD431690B is a 1600Volt,
90 Ampere Dual SCR Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
Version
CD43
08
12
14
16
18
90
B
Description:
Powerex Dual SCR Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
Electrically Isolated Heatsinking
DBC Alumina (Al2O3) Insulator
Copper Baseplate
Low Thermal Impedance
for Improved Current Capability
UL Recognized (E78240)
Benefits:
No Additional Insulation
Components Required
Easy Installation
No Clamping Components
Required
Reduce Engineering Time
Applications:
Bridge Circuits
AC & DC Motor Drives
Battery Supplies
Power Supplies
Large IGBT Circuit Front Ends
Lighting Control
Heat & Temperature Control
Welders
OUTLINE DRAWING
G
H
F
L
B
A
"S" FASTON TAB
"U" THREAD
K
T
C
Q
P
N
D M
J
+
1 ~
3
-
4
5
2
7
6
CONNECTION DIAGRAM


유사한 부품 번호 - CD43_90B

제조업체부품명데이터시트상세설명
logo
Linear Technology
CD43-100 LINER-CD43-100 Datasheet
142Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
AIT Components Ltd.
CD43-100 AITCOMPONENTS-CD43-100 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
CD43-120 AITCOMPONENTS-CD43-120 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
CD43-150 AITCOMPONENTS-CD43-150 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
CD43-1R0 AITCOMPONENTS-CD43-1R0 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
More results

유사한 설명 - CD43_90B

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
LD431850 POWEREX-LD431850 Datasheet
97Kb / 4P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / 1800 Volts)
ND431825 POWEREX-ND431825 Datasheet
100Kb / 4P
POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 1800 Volts)
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
PS431215 POWEREX-PS431215 Datasheet
367Kb / 5P
POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 1800 Volts
PS432215 POWEREX-PS432215 Datasheet
367Kb / 5P
POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 1800 Volts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com