| 전자부품 데이터시트 검색엔진 |
|
B65491 데이터시트(PDF) 4 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65491 데이터시트(HTML) 4 Page - EPCOS |
|
4 / 7 page ![]() 4 06/13 Symbol Meaning Unit A Ae AL AL1 Amin AN AR B B Bˆ Bˆ BDC BR BS C0 CDF DF d Ea f fcutoff fmax fmin fr fCu g H Hˆ HDC Hc h h/i2 I IDC Iˆ J k k3 k3c L Cross section of coil Effective magnetic cross section Inductance factor; AL = L/N2 Minimum inductance at defined high saturation ( a) Minimum core cross section Winding cross section Resistance factor; AR = RCu/N2 RMS value of magnetic flux density Flux density deviation Peak value of magnetic flux density Peak value of flux density deviation DC magnetic flux density Remanent flux density Saturation magnetization Winding capacitance Core distortion factor Relative disaccommodation coefficient DF = d/i Disaccommodation coefficient Activation energy Frequency Cut-off frequency Upper frequency limit Lower frequency limit Resonance frequency Copper filling factor Air gap RMS value of magnetic field strength Peak value of magnetic field strength DC field strength Coercive field strength Hysteresis coefficient of material Relative hysteresis coefficient RMS value of current Direct current Peak value of current Polarization Boltzmann constant Third harmonic distortion Circuit third harmonic distortion Inductance mm2 mm2 nH nH mm2 mm2 = 10–6 Vs/m2, mT Vs/m2, mT Vs/m2, mT Vs/m2, mT Vs/m2, mT Vs/m2, mT Vs/m2, mT F = As/V mm–4.5 J s–1, Hz s–1, Hz s–1, Hz s–1, Hz s–1, Hz mm A/m A/m A/m A/m 10–6 cm/A 10–6 cm/A A A A Vs/m2 J/K H = Vs/A Symbols and terms Ferrites and accessories Symbols and terms |