전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B65713 데이터시트(PDF) 7 Page - EPCOS

부품명 B65713
상세설명  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B65713 데이터시트(HTML) 7 Page - EPCOS

  B65713_13 Datasheet HTML 1Page - EPCOS B65713_13 Datasheet HTML 2Page - EPCOS B65713_13 Datasheet HTML 3Page - EPCOS B65713_13 Datasheet HTML 4Page - EPCOS B65713_13 Datasheet HTML 5Page - EPCOS B65713_13 Datasheet HTML 6Page - EPCOS B65713_13 Datasheet HTML 7Page - EPCOS B65713_13 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
06/13
All dimensions are given in mm.
Surface-mount device
Symbol
Meaning
Unit

F
e
r


B
i
s

0
a
app
e
i
p'
p"
r
rev
s'
s"
tot

l/A
Cu
Temperature coefficient (TK)
Relative temperature coefficient of material
Temperature coefficient of effective permeability
Relative permittivity
Magnetic flux
Efficiency of a transformer
Hysteresis material constant
Hysteresis core constant
Magnetostriction at saturation magnetization
Relative complex permeability
Magnetic field constant
Relative amplitude permeability
Relative apparent permeability
Relative effective permeability
Relative initial permeability
Relative real (inductive) component of
(for parallel components)
Relative imaginary (loss) component of
 (for parallel components)
Relative permeability
Relative reversible permeability
Relative real (inductive) component of
(for series components)
Relative imaginary (loss) component of
 (for series components)
Relative total permeability
derived from the static magnetization curve
Resistivity
Magnetic form factor
DC time constant
Cu = L/RCu = AL/AR
Angular frequency;
= 2 f
1/K
1/K
1/K
Vs
mT-1
A–1H–1/2
Vs/Am
m–1
mm–1
s
s–1
Symbols and terms
Ferrites and accessories



Html Pages

1 2 3 4 5 6 7 8