전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HDSP-C8E3 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HDSP-C8E3
상세설명  0.8 Single Digit PCB Based LED Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-C8E3 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-C8E3 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8E3 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8E3 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8E3 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8E3 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8E3 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8E3 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8E3 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-C8E3 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Circuit Diagram
Absolute Maximum Ratings at TA = 25°C
Parameter
Symbol
Red/Yellow/
Orange
Green
AlGaAs Red
Units
Power Dissipation per segment or Dot Point (DP)
PD
57.5
62.5
50
mW
Continuous Forward Current per segment
IF
25
25
25
mA
Peak Forward Current per segment
(1/10 Duty Cycle, 0.1m sec pulse width)
80
80
80
mA
Derating Linearly from 25°C per segment
0.33
0.33
0.33
mA/°C
Reverse Voltage per segment or DP
VR
5V
Operating Temperature
TO
-40 to 85
°C
Storage Temperature
TS
-40 to 85
°C
Wave solder Condition 1.6mm below body
260°C peak for 5 secs max



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com