| 전자부품 데이터시트 검색엔진 |
|
CLK13_7P 데이터시트(PDF) 85 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
CLK13_7P 데이터시트(HTML) 85 Page - Altera Corporation |
|
85 / 274 page ![]() Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family 5–25 PLL Cascading July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 Figure 5–19 shows using GCLK while cascading PLLs. Consider the following guidelines when cascading PLLs: ■ Set the primary PLL to low bandwidth to help filter jitter. Set the secondary PLL to high bandwidth to be able to track the jitter from the primary PLL. You can view the Quartus II software compilation report file to ensure the PLL bandwidth ranges do not overlap. If the bandwidth ranges overlap, jitter peaking can occur in the cascaded PLL scheme. 1 You can get an estimate of the PLL deterministic jitter and static phase error (SPE) by using the TimeQuest Timing Analyzer in the Quartus II software. Use the SDC command "derive_clock_uncertainty" to direct TimeQuest to generate a report titled "PLLJ_PLLSPE_INFO.txt" in your project directory. Then, use "set_clock_uncertainty" commands to add jitter and SPE values to your clock constraints. Figure 5–19. PLL Cascading Using GCLK CLK[0..3] CLK[8..11] GCLK[0..4] GCLK[5..9] GCLK[15..19] GCLK[10..14] CLK[12..15] CLK[4..7] Output from PLL Output from PLL Input to PLL Output from PLL Output from PLL Five Clock Control Blocks Five Clock Control Blocks Five Clock Control Blocks Five Clock Control Blocks PLL 1 PLL 4 PLL 2 PLL 3 5 5 5 5 Remote clock from two Clock pins at adjacent edge of device 2 2 2 2 2 4 2 4 4 2 2 4 1 20 GCLK[0:19] 20 1 20 1 GCLK[0:19] 20 1 GCLK[0:19] GCLK[0:19] |