| 전자부품 데이터시트 검색엔진 |
|
HCPL-193K 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-193K 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 12 page ![]() 2 All devices are manufactured and tested on a MIL- PRF-38534 certified line and are included in the DLA Qualified Manufacturers List QML-38534 for Hybrid Microcircuits. Each unit contains two independent channels, consisting of a GaAsP light emitting diode, an input current regulator, and an integrated high gain photon detector. The input regulator serves as a line termination for line receiver applications. It clamps the line voltage and regulates the LED current so line reflections do not interfere with circuit performance. The regulator allows a typical LED current of 12.5 mA before it starts to shunt excess current.The output of the detector IC is an open collector Schottky clamped transistor. An enable input gates the detector. The internal detector shield provides a guaranteed common mode transient immunity specification of +1000V/ µsec. DC specifications are compatible with TTL logic and are guaranteed from -55° C to +125° C allowing trouble-free interfacing with digital logic circuits. An input current of 10 mA will sink a six gate fan-out (TTL) at the output with a typical propagation delay from input to output of only 45 nsec. Selection Guide–Lead Configuration Options Avago Part # and Options Commercial HCPL-1930 MIL-PRF-38534 Class H HCPL-1931 MIL-PRF-38534 Class K HCPL-193K Standard Lead Finish Gold Solder Dipped* Option #200 Butt Joint/Gold Plate Option #100 Gull Wing/Soldered* Option #300 Crew Cut/Gold Plate Option #600 Class H SMD Part # Prescript for all below 5962- Gold Plate 8957201EC Solder Dipped* 8957201EA Butt Joint/Gold Plate 8957201YC Butt Joint/Soldered* 8957201YA Gull Wing/Soldered* 8957201XA Crew Cut/Gold Plate Available Crew Cut/Soldered* Available Class K SMD Part # Prescript for all below 5962- Gold Plate 8957202KEC Solder Dipped* 8957202KEA Butt Joint/Gold Plate 8957202KYC Butt Joint/Soldered* 8957202KYA Gull Wing/Soldered* 8957202KXA *Solder contains lead. |