| 전자부품 데이터시트 검색엔진 |
|
EP2C5 데이터시트(PDF) 14 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2C5 데이터시트(HTML) 14 Page - Altera Corporation |
|
14 / 36 page ![]() Page 14 Functional Description Enhanced Configuration (EPC) Devices Datasheet January 2012 Altera Corporation The EPC device controller chip accesses flash memory during: ■ FPGA configuration—reading configuration data from flash ■ JTAG-based flash programming—storing configuration data in flash ■ At POR—reading option bits from flash During these operations, the external FPGA or processor must tri-state its interface to the flash memory. After configuration and programming, the EPC device’s controller tri-states the internal interface and goes into an idle mode. To interrupt a configuration cycle in order to access the flash using the external flash interface, the external device can hold the FPGA’s nCONFIG input low. This keeps the configuration device in reset by holding the nSTATUS-OE line low, allowing external flash access. f For more information about the software support for the external flash interface feature, refer to the Altera Enhanced Configuration Devices. |