전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D4875 데이터시트(PDF) 1 Page - Crydom Inc.,

부품명 D4875
상세설명  panel mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CRYDOM [Crydom Inc.,]
홈페이지  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D4875 데이터시트(HTML) 1 Page - Crydom Inc.,

  D4875 Datasheet HTML 1Page - Crydom Inc., D4875 Datasheet HTML 2Page - Crydom Inc., D4875 Datasheet HTML 3Page - Crydom Inc., D4875 Datasheet HTML 4Page - Crydom Inc., D4875 Datasheet HTML 5Page - Crydom Inc., D4875 Datasheet HTML 6Page - Crydom Inc., D4875 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DataSheet
Panel Mount
• Ratings from 25A to 90A @ 48-530 VAC
• SCR output for heavy industrial loads
• Zero turn-on or instantaneous turn-on outputs
• UL/CSA/VDE Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
For Generation 3 datasheet click here
• AC or DC control
• Direct bond copper substrate
• EMC compliant to Level 3
• Direct power lead frame
• Epoxy free design
Series 1 480 VAC
PRODUCT SELECTION
90A
75A
50A
25A
Control Voltage
4-32 VDC
D4825
D4850
D4875
D4890
90-280 VAC
A4825
A4850
A4875
A4890
AVAILABLE OPTIONS
Control Voltage
A: 90-280 VAC
D: 4-32 VDC
Rated Load Current
25: 25 Amps
50: 50 Amps
75: 75 Amps
90: 90 Amps
Operating
Voltage
48: 48-530 VAC
Termination
Blank: Screw
F: Quick Connect (7)
K: Round standoffs
10
A
Thermal Pad
Blank: Not Included
H: Included
48
K
H
S
Snubber
Blank: Not Included
S: Included
Switching Type
Blank: Zero Voltage Turn-On
-10: Instantaneous Turn-On (8)
-10
Required for valid part number
For options only and not required for valid part number
OUTPUT SPECIFICATIONS (1)
90A
75A
50A
25A
Description
Operating Voltage (47-440Hz) [Vrms] (2)
48-530
48-530
48-530
48-530
Transient Overvoltage [Vpk]
800
800
800
800
Maximum Off-State Leakage Current @ Rated Voltage [mArms] (3)
1
1
1
1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
500
500
500
500
Maximum Load Current [Arms] (4)
25
50
75
90
Minimum Load Current [mArms]
150
150
150
150
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
239/250
597/625
954/1000
1145/1200
Maximum On-State Voltage Drop @ Rated Current [Vrms]
1.15
1.15
1.15
1.15
Thermal Resistance Junction to Case (Rjc) [°C/W]
Maximum 1/2 Cycle I² t for Fusing (50/60Hz) [A² sec]
0.8
0.45
0.3
0.27
285/259
1770/1621
4555/4150
6560/5976
Minimum Power Factor (at Maximum Load)
0.5
0.5
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
D48xx
A48xx
Control Voltage Range
4-32 VDC
90-280 Vrms (60Hz)
Maximum Reverse Voltage
-32
-
Minimum Turn-On Voltage
4.0 VDC (5)
90 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
Minimum Input Current
7.0 mA
5.0 mA
Maximum Input Current
12 mA
10 mA
Nominal Input Impedance
Current Regulated
Current Regulated
Maximum Turn-On Time [msec]
1/2 Cycle (6)
20
Maximum Turn-Off Time [msec]
1/2 Cycle
30
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


유사한 부품 번호 - D4875

제조업체부품명데이터시트상세설명
logo
Crydom Inc.,
D4875FHT-10 CRYDOM-D4875FHT-10 Datasheet
929Kb / 7P
Panel Mount
D4875FSH-10 CRYDOM-D4875FSH-10 Datasheet
933Kb / 7P
Panel Mount
D4875KHT-10 CRYDOM-D4875KHT-10 Datasheet
929Kb / 7P
Panel Mount
D4875KSH-10 CRYDOM-D4875KSH-10 Datasheet
746Kb / 7P
Series 1 480 VAC
D4875KSH-10 CRYDOM-D4875KSH-10 Datasheet
933Kb / 7P
Panel Mount
More results

유사한 설명 - D4875

제조업체부품명데이터시트상세설명
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com