전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

980-2000-347 데이터시트(PDF) 7 Page - ITT Industries

부품명 980-2000-347
상세설명  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

980-2000-347 데이터시트(HTML) 7 Page - ITT Industries

Back Button 980-2000-347 Datasheet HTML 3Page - ITT Industries 980-2000-347 Datasheet HTML 4Page - ITT Industries 980-2000-347 Datasheet HTML 5Page - ITT Industries 980-2000-347 Datasheet HTML 6Page - ITT Industries 980-2000-347 Datasheet HTML 7Page - ITT Industries 980-2000-347 Datasheet HTML 8Page - ITT Industries 980-2000-347 Datasheet HTML 9Page - ITT Industries 980-2000-347 Datasheet HTML 10Page - ITT Industries 980-2000-347 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
D Cannon D-Subminiature Accessories
5
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Metal Backshell Straight Exit
The new Cannon Metal Backshells D*FM series for D-Subminiature Connectors offers protection from
magnetic and radio interferences to cable assemblies.
This backshell series is characterized by simple assembly and fit for ndustrial and telecom applications.
PPrroodduucctt FFeeaattuurreess::
• No crimp ferrule tooling needed
• Material: Zinc, blue chromated
• Unique metal filled plastic cable strain relief
guarantees 360° shielding
• RoHS compliant
• -40 - +120°C temperature range
• Corrosion resistant
SSiizzee 1155
AAtttteennuuaattiioonn ccuurrvvee
DEFME-101
DEFMX-101
Size 9
39,55mm [1.555inch]
31,3mm [1.232inch]
14,6mm [0.575inch]
25,0mm [0.984inch]
4 - 9mm
DAFME-101
DAFMX-101
Size 15
41,7mm [1.642inch]
39,3mm [1.547inch]
14,6mm [0.575inch]
33,3mm [1.311inch]
4 - 9mm
DBFME-101
DBFMX-101
Size 25
49,0mm [1.929inch]
53,5mm [2.106inch]
14,6mm [0.575inch]
47,0mm [1.850inch]
4 - 9mm
DCFME-101
DCFMX-101
Size 37
53,3mm [1.098inch]
69,7mm [2.744inch]
14,6mm [0.575inch]
63,5mm [2.500inch]
4 - 9mm
Part Description
Part Description
With #4-40 UNC
With M3
Shell
AB
C
D
Cable
Jackscew
Jackscrew
Size
Diameter
Kit consists of 1 front shell, 1 rear shell, 4 strain reliefs, 2 mounting crosshead screws, and 2 jack screws.
AAsssseem
mbbllyy iinnssttrruuccttiioonnss SSiizzee 99,, 1155,, 2255,, 3377
Use two halves of strain relief
(different sizes can be mixed)
Strip cable 18mm and shape
cable to two pigtails
Attach the strain relief around
the cable
Bend cable shielding back on
outside of strain relief
Mount connector and cable into
the backshell
Assemble the other half
(screwing force: 100-120 Ncm)
Metal Backshell
D sub:Layout 1
3/26/09
7:52 AM
Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com