| 전자부품 데이터시트 검색엔진 |
|
74HC74DB 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC74DB 데이터시트(HTML) 8 Page - NXP Semiconductors |
|
8 / 22 page ![]() 74HC_HCT74 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 27 August 2012 8 of 21 NXP Semiconductors 74HC74; 74HCT74 Dual D-type flip-flop with set and reset; positive edge-trigger tsu set-up time nD to nCP; see Figure 7 VCC = 2.0 V 75 6 - 90 - ns VCC = 4.5 V 15 2 - 18 - ns VCC = 6.0 V 13 2 - 15 - ns th hold time nD to nCP; see Figure 7 VCC = 2.0 V 3 6- 3 - ns VCC = 4.5 V 3 2- 3 - ns VCC = 6.0 V 3 2- 3 - ns fmax maximum frequency nCP; see Figure 7 VCC = 2.0 V 4.8 23 - 4.0 - MHz VCC = 4.5 V 24 69 - 20 - MHz VCC =5V; CL =15pF - 76 - - - MHz VCC = 6.0 V 28 82 - 24 - MHz CPD power dissipation capacitance CL =50pF;f= 1 MHz; VI =GND to VCC [4] -24 - - - pF 74HCT74 tpd propagation delay nCP to nQ, nQ; see Figure 7 [2] VCC = 4.5 V - 18 44 - 53 ns VCC =5V; CL =15pF - 15 - - - ns nSD to nQ, nQ; see Figure 8 [2] VCC = 4.5 V - 23 50 - 60 ns VCC =5V; CL =15pF - 18 - - - ns nRD to nQ, nQ; see Figure 8 [2] VCC = 4.5 V - 24 50 - 60 ns VCC =5V; CL =15pF - 18 - - - ns tt transition time nQ, nQ; see Figure 7 [3] VCC = 4.5 V - 7 19 - 22 ns tW pulse width nCP HIGH or LOW; see Figure 7 VCC = 4.5 V 23 9 - 27 - ns nSD, nRD LOW; see Figure 8 VCC = 4.5 V 20 9 - 24 - ns trec recovery time nSD, nRD; see Figure 8 VCC = 4.5 V 8 1 - 9 - ns tsu set-up time nD to nCP; see Figure 7 VCC = 4.5 V 15 5 - 18 - ns Table 8. Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 9. Symbol Parameter Conditions Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit Min Typ[1] Max Min Max |