전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

INA8583 데이터시트(PDF) 1 Page - IK Semicon Co., Ltd

부품명 INA8583
상세설명  CMOS timer with RAM and I2C-bus control.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IKSEMICON [IK Semicon Co., Ltd]
홈페이지  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

INA8583 데이터시트(HTML) 1 Page - IK Semicon Co., Ltd

  INA8583 Datasheet HTML 1Page - IK Semicon Co., Ltd INA8583 Datasheet HTML 2Page - IK Semicon Co., Ltd INA8583 Datasheet HTML 3Page - IK Semicon Co., Ltd INA8583 Datasheet HTML 4Page - IK Semicon Co., Ltd INA8583 Datasheet HTML 5Page - IK Semicon Co., Ltd INA8583 Datasheet HTML 6Page - IK Semicon Co., Ltd INA8583 Datasheet HTML 7Page - IK Semicon Co., Ltd INA8583 Datasheet HTML 8Page - IK Semicon Co., Ltd INA8583 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TECHNICAL DATA
2012, January, ver.01
OSCI
A0
GND
Vcc
INT
SCL
SDA
1
2
3
4
8
7
6
5
OSCO
CMOS timer with RAM and I
2C-bus control.
INA8583N is a timer with RAM and I
2C-bus control. Designed for
use in appliances having I
2C-bus as clock/ calendar/ timer/
alarm/ events counter for turning on functions of the appliance at
preset time or upon completion of an event. To be used in audio
and appliances.
Features:
• I2C- bus interface operating supply voltage: 2.5 V to 6 V
Clock operating supply voltage ( 0
÷70°
С): 1.0 V to 6 V
Operating current (at fSCL = 0Hz):
50 μА
• Clock function with four year calendar
• 24 or 12 hour format
• 32.768 kHz or 50Hz time base
• Serial bus (I2C)
• Automatic word address in crementation
• Programmable alarm, timer and interrupt function
• Operating temperature range: -20 to +70 ОС
ORDERING INFORMATION
Table1 – PIN ASSIGNMENT
Name
Pin
Description
OSCI
OSCO
A0
GND
SDA
SCL
INT
Vcc
1
2
3
4
5
6
7
8
Generator input, 50Hz or occurrences
Generator output
Address input
GND
Data for I
2C-bus
Clock pulses for I
2C-bus
Open-drain interrupt output
Supply voltage
Fig.1
INA8583
ORDERI NG I NFORM ATI ON
IL8583N Plastic
IL8583D SOIC
T
A =
-20
° … + 70° C
for all packages.
Device
Operating
Temperature Range
Package
Packing
IL8583N
TA=-20° … +70°C
DIP-8
Tube
IL8583D
SOP-8
Tube
IL8583DT
SOP-8
T&R
Pinning Diagram


유사한 부품 번호 - INA8583

제조업체부품명데이터시트상세설명
logo
IK Semicon Co., Ltd
INA8583N IKSEMICON-INA8583N Datasheet
289Kb / 12P
CMOS timer with RAM and I2C-bus control.
More results

유사한 설명 - INA8583

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
AV SWITCH with I2C BUS CONTROL
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
AV SWITCH with I2C BUS CONTROL
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
SOUND CONTROL IC WITH SURROUND AND I2C BUS
logo
KODENSHI_AUK CORP.
KKA8583N KODENSHI-KKA8583N Datasheet
342Kb / 12P
CMOS timer with RAM and I2C-bus control.
logo
Renesas Technology Corp
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
AV SWITCH WITH I2C BUS CONTROL
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
AV Switch with I2C Bus Control
logo
IK Semicon Co., Ltd
INA8583N IKSEMICON-INA8583N Datasheet
289Kb / 12P
CMOS timer with RAM and I2C-bus control.
logo
Intersil Corporation
ISL12082 INTERSIL-ISL12082 Datasheet
395Kb / 26P
I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12