전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STN715 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STN715
상세설명  NPN low voltage transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN715 데이터시트(HTML) 5 Page - STMicroelectronics

  STN715 Datasheet HTML 1Page - STMicroelectronics STN715 Datasheet HTML 2Page - STMicroelectronics STN715 Datasheet HTML 3Page - STMicroelectronics STN715 Datasheet HTML 4Page - STMicroelectronics STN715 Datasheet HTML 5Page - STMicroelectronics STN715 Datasheet HTML 6Page - STMicroelectronics STN715 Datasheet HTML 7Page - STMicroelectronics STN715 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STF715, STN715
Package mechanical data
Doc ID 8707 Rev 2
5/8
SOT-89 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.40
1.60
B
0.44
0.56
B1
0.36
0.48
C
0.35
0.44
C1
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E2.29
2.60
e
1.42
1.57
e1
2.92
3.07
H3.94
4.25
K1°
L0.89
1.20
R0.25
7098166_C



Html Pages

1 2 3 4 5 6 7 8