전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACPM-5251 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 ACPM-5251
상세설명  4x5 UMTS Band I & Band V Dual-Band Power Amplifi er Module with Integrated Coupler
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5251 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-5251 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-5251 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-5251 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-5251 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-5251 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5251 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5251 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5251 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5251 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Absolute Maximum Ratings
– Stresses in excess of the absolute ratings may cause permanent damage. Exposure to absolute ratings for extended
periods of time may adversely affect reliability. Functional operation is not implied under these conditions.
Description
Condition
Min
Nominal
Max
Unit
Associated Pins
DC Supply Voltage (Vcc)
RF Off, All Modes, ZS=ZL=50
+6.0
V
Vcc1, Vcc2
RF On, All Modes, ZS=ZL=50
+4.5
V
Vcc1, Vcc2
Enable Control Voltage
(Ven_LB, Ven_HB)
+3.3
V
Ven_LB, Ven_HB
Mode Control Voltage
(Vmode)
+3.3
V
Vmode
Bypass Control Voltage
(Vbp)
+3.3
V
Vbp
RF Input Power (Pin)
HPM, ZS=ZL=50
MPM, ZS=ZL=50
BPM, ZS=ZL=50
+10
+6
+6
dBm
dBm
dBm
RFin_LB, RFin_HB
Revere RF Power
injected into
RF Output Port (Por)
B5, PDM, GMSK 25%
Duty Cycle
B1, PDM, GMSK 25%
Duty Cycle
+31
+29
dBm
dBm
RFout_LB
RFout_HB
Storage Temperature (Tstg)
-55
+125
°C
Recommended Operating Condition
Description
Min
Nominal
Max
Unit
DC Supply Voltage (Vcc)
3.2
3.4
4.2
V
Enable Control Voltage (Ven_LB, Ven_HB)
VLOW
VHIGH
0
1.35
0
1.8
0.5
3.1
V
V
Enable Control Current (Ien_LB, Ien_HB)
0.1
mA
Mode & Bypass Control Voltage (Vmode, Vbp)
VLOW
VHIGH
0
1.35
0
1.8
0.5
3.1
V
V
Mode & Bypass Control Current (Imode, Ibp)
0.1
mA
Operating Frequency (fc)
Band 5
Band 1
824
1920
849
1980
MHz
MHz
Case Temperature (Tc)
-20
+25
+85
°C
Operating Logic Table
Selected Band & Power Mode
Vcc1 / Vcc2
Ven_LB
Ven_HB
Vmode
Vbp
LB (B5) HPM (High-Power Mode)
On
High
Low
Low
X
LB (B5) MPM (Mid-Power Mode)
On
High
Low
High
Low
LB (B5) BPM (Bypass Power Mode)
On
High
Low
High
High
HB (B1) HPM (High-Power Mode)
On
Low
High
Low
X
HB (B1) MPM (Mid-Power Mode)
On
Low
High
High
Low
HB (B1) BPM (Bypass Power Mode)
On
Low
High
High
High
PDM (Power Down Mode)
On
Low
Low
X
X
* BPM (Bypass Modes) = Active Bypass Mode / Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com