| 전자부품 데이터시트 검색엔진 |
|
MF-FSMF050X 데이터시트(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-FSMF050X 데이터시트(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() “freeXpansion Design” is a trademark of Bourns, Inc. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. MF-FSMF Series - PTC Resettable Fuses Product Dimensions DIMENSIONS: MM (INCHES) Additional Applications ■ Automotive electronic control modules ■ Game console port protection Model AB C D Min. Max. Min. Max. Min. Max. Min. MF-FSMF010X 1.45 (0.057) 1.85 (0.073) 0.65 (0.026) 1.05 (0.041) 0.30 (0.012) 0.65 (0.026) 0.20 (0.008) MF-FSMF020X 1.45 (0.057) 1.85 (0.073) 0.65 (0.026) 1.05 (0.041) 0.30 (0.012) 0.65 (0.026) 0.20 (0.008) MF-FSMF035X 1.45 (0.057) 1.85 (0.073) 0.65 (0.026) 1.05 (0.041) 0.30 (0.012) 0.65 (0.026) 0.20 (0.008) MF-FSMF050X 1.45 (0.057) 1.85 (0.073) 0.65 (0.026) 1.05 (0.041) 0.65 (0.026) 1.00 (0.039) 0.20 (0.008) Packaging: MF-FSMF010X = 5000 pcs. per reel; MF-FSMF020X & MF-FSMF035X = 6000 pcs. per reel; MF-FSMF050X = 4000 pcs. per reel A B 1.00 ± 0.05 (.039 ± .002) C Top View Bottom View Side View Recommended Pad Layout D I 1.00 ± 0.05 (.039 ± .002) 0.70 ± 0.05 (.028 ± .002) Terminal material: Nickel/gold plated. Termination pad solderability: Standard Au finish: Meets ANSI/J-STD-002 Category 2. Recommended Storage: 40 °C max./70 % RH max. How To Order MF - FSMF 020 X - 2 Multifuse® Product Designator Series FSMF = 0603 Surface Mount Component Hold Current, Ihold 010-050 (0.10 - 0.50 Amps) Multifuse® freeXpansion™ Design Packaging Packaged per EIA 481-1 -2 = Tape and Reel Typical Part Marking PART IDENTIFICATION: MF-FSMF010X = II MF-FSMF020X = I MF-FSMF035X = • MF-FSMF050X = — BIWEEKLY DATE CODE WILL APPEAR ON THE PACKAGING LABEL: WEEK 1 AND 2 = A WEEK 51 AND 52 = Z Solder Reflow Recommendations Notes: • MF-FSMF models cannot be wave soldered. Please contact Bourns for hand soldering recommendations. • If reflow temperatures exceed the recommended profile, devices may not meet the performance requirements. • Compatible with Pb and Pb-free solder reflow profiles. • Excess solder may cause a short circuit, especially during hand soldering. Please refer to the Multifuse® Polymer PTC Soldering Recommendation guidelines. 160–220 300 250 200 150 100 50 0 10–20 120 Preheating Soldering Cooling Time (seconds) |