전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3100C18-3PW 데이터시트(PDF) 26 Page - Amphenol Corporation

부품명 CS3100C18-3PW
상세설명  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3PW 데이터시트(HTML) 26 Page - Amphenol Corporation

Back Button CS3100C18-3PW Datasheet HTML 22Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 23Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 24Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 25Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 26Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 27Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 28Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 29Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 30Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
25
To
avoid
cross-plugging
problems in
applications
requiring the use of more than one connector of the
same size and arrangement, alternate rotations are
available as indicated in the accompanying charts.
As shown in the diagram below, the front face of the pin
insert is rotated within the shell in a clockwise direction
from the normal shell key. The socket insert would be
rotated counter-clockwise the same number of degrees
in respect to the normal shell key.
Position W
Position X
Position Y
Position Z
View looking into front face of pin insert or rear of socket insert.
The following insert arrangements have the same alter-
nate insert rotations for W, X, Y and Z, which are:
Degrees
WX
Y
Z
80
110
250
280
16-7
20-22
22-29
24-17
28-16
32-13
18-5
22-6
22-33
24-20
28-17
32-22
18-9
22-12
22-34
24-21
28-19
32-AF
18-13
22-14
24-1
24-28
28-20
36-1
18-14
22-15
24-3
28-1
28-21
36-7
20-7
22-16
24-4
28-4
32-1
36-8
20-8
22-17
24-5
28-8
32-3
36-13
20-9
22-18
24-6
28-9
32-4
40-AR
20-12
22-19
24-7
28-10
32-6
40-AS
20-14
22-21
24-12
28-11
32-9
40-AT
20-16
22-24
24-14
28-14
32-10
40-AU
20-20
22-25
24-16
28-15
32-12
MS/Standard
insert alternate positioning
Insert
Arrangement
Degrees
WX
Y
Z
10SL-4
63
–
–
–
12S-3
70
145
215
290
14S-2
–
120
240
–
14S-5
–
110
–
–
14S-7
90
180
270
–
14S-9
70
145
215
290
16-9
35
110
250
325
16-10
90
180
270
–
16-11
35
110
250
325
16-13
35
110
250
325
16S-1
80
–
–
280
16S-4
35
110
250
325
16S-5
70
145
215
290
16S-6
90
180
270
–
16S-8
–
170
265
–
18-1
70
145
215
290
18-3
35
110
250
325
18-4
35
110
250
325
18-8
70
–
–
290
18-10
–
120
240
–
18-11
–
170
265
–
18-12
80
–
–
280
18-15
–
120
240
–
18-20
90
180
270
–
18-22
70
145
215
290
18-29
90
180
270
–
20-3
70
145
215
290
20-4
45
110
250
–
20-5
35
110
250
325
20-6
70
145
215
290
20-15
80
–
–
280
20-17
90
180
270
–
20-18
35
110
250
325
20-19
90
180
270
–
20-21
35
110
250
325
20-23
35
110
250
325
20-24
35
110
250
325
20-27
35
110
250
325
20-29
80
–
–
280
22-1
35
110
250
325
22-2
70
145
215
290
22-4
35
110
250
325
22-5
35
110
250
325
22-8
35
110
250
325
22-9
70
145
215
290
22-10
35
110
250
325
22-11
35
110
250
325
22-13
35
110
250
325
22-20
35
110
250
325
22-22
–
110
250
–
22-23
35
–
250
–
22-27
80
–
250
280
22-28
80
–
–
280
22-63
20
–
–
–
24-2
80
–
–
280
24-9
35
110
250
325
24-10
80
–
–
280
24-11
35
110
250
325
24-22
45
110
250
–
24-27
80
–
–
280
28-2
35
110
250
325
28-3
70
145
215
290
28-5
35
110
250
325
28-6
70
145
215
290
28-7
35
110
250
325
28-12
90
180
270
–
28-18
70
145
215
290
28-22
70
145
215
290
28-AY
45
110
250
–
32-2
70
145
215
290
Insert
Arrangement
Degrees
WX
Y
Z
32-5
35
110
250
325
32-7
80
125
235
280
32-8
80
125
235
280
32-14
65
130
230
295
32-15
35
110
250
280
32-17
45
110
250
–
32-25
60
120
–
–
32-48
80
–
–
–
32-64
80
100
110
250
32-68
30
–
–
–
32-82
30
–
–
–
36-3
70
145
215
290
36-4
70
145
215
290
36-5
–
120
240
–
36-6
35
110
250
325
36-9
80
125
235
280
36-10
80
125
235
280
36-14
90
180
270
–
36-15
60
125
245
305
36-AF
65
–
–
–
40-1
65
130
235
300
40-5
33
–
–
270
40-9
65
125
225
310
40-10
65
125
225
310
40-35
70
130
230
290
40-AD
45
–
–
–
40-AG
37
74
285
322
40-AP
35
110
250
325
40-AV
90
180
270
–
Insert
Arrangement
Degrees
WX
Y
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73