전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3101A18-3SW 데이터시트(PDF) 50 Page - Amphenol Corporation

부품명 CS3101A18-3SW
상세설명  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101A18-3SW 데이터시트(HTML) 50 Page - Amphenol Corporation

Back Button CS3101A18-3SW Datasheet HTML 46Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 47Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 48Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 49Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 50Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 51Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 52Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 53Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 54Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
49
A complete line of cylindrical connectors containing ther-
mocouple insert arrangements is available. The contact
layout for a particular arrangement will be found in either
the MS/Standard contact arrangement section, pages
26-37, or the Special contact arrangement section, pages
38-48. All thermocouple contact layouts may contain
either iron, alumel, chromel, constantan, standard (cop-
per) or brass (dummy) contacts. See the thermocouple
tabulations on the following pages.
The following abbreviations are used in the contact mate-
rial column in the charts that follow. Also, thermocouple
contacts are color coded as shown. (This identification is
made by means of small dots of stain on the solder well
end of the contact).
Abbreviation
Material
Color Code
Ir.
Iron
Black
Con.
Constantan
Yellow
Cu.
Copper Alloy
N/A
Ch.
Chromel
White
Al.
Alumel
Green
Dummy
Brass
N/A
WIRE WELL DATA
Contact
Size
Well Inside Dia.
+.004
–.002
Well Depth
+.031
–.000
Solder Well
Barrel
Outside Dia.
12
.125
.250
.166 ±.003
16
.094
.188
.125
RECOMMENDED WIRE
I Chromel - Alumel
Use wire in accordance
with MIL-W-5848
II Iron - Constantan
Use wire in accordance
with MIL-W-5845
Thermocouple
contact availability
+.002
–.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com