전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGA-13316 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 MGA-13316
상세설명  High Gain, High Linearity Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-13316 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-13316 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-13316 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-13316 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-13316 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-13316 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-13316 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-13316 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-13316 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-13316 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
MGA-13316 Absolute Maximum Rating [1] TA = 25° C
Symbol
Parameter
Units
Absolute Maximum
Vdd1
Device Voltage
V
5.5
Vdd2
Device Voltage
V
5.5
Idd1
Q1 Drain Current
mA
90
Pd
Power Dissipation [2]
W
1.19
Pin,max
CW RF Input Power
dBm
20
Tj,max
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance [3]
(Vdd1 = 5.0 V, Idd1 = 53 mA, Vdd2 = 5.0 V,
Idd2 = 116 mA),
Tjc = 39.59° C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. This is limited by maximum Vd and Id. Board
temperature (Tc) is 25° C. For Tc >103° C,
derate the device power at 25 mW per °C rise
in board temperature adjacent to package
bottom.
3. Thermal resistance measured using Infra-
Red Microscopy Technique.
Electrical Specifications [1]
RF performance at Vdd1 = 5 V, Vdd2 = 5 V, 2.5 GHz, TA = 25° C, measured on the demo board.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Idd1
Current at Q1
mA
40
53
68
Idd2
Current at Q2
mA
96
116
138
NF
Noise Figure
dB
0.76
1.1
Gain
Gain
dB
33
34.3
36.3
OIP3[2]
Output Third Order Intercept Point
dBm
37
41.8
OP1dB
Output Power at 1 dB Gain Compression
dBm
22.1
23.5
IRL
Input Return Loss, 50
: source
dB
-19.5
ORL
Output Return Loss, 50
: load
dB
-10.5
|S12|
Reverse Isolation
dB
50
|ISOL1-2|
Isolation between Output pin to Input pin
dB
50.3
Notes:
1. Measurements obtained using demo board described in Figure 7 with component list in Table 1. Input and Output trace loss is not de-embedded
from the measurement.
2. OIP3 test condition: ftone1 = 2500 MHz, ftone2 = 2501 MHz with input power of -27 dBm per tone.
3. Use proper bias, heatsink and derating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application
note for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com