| 전자부품 데이터시트 검색엔진 |
|
MCP25050I/P 데이터시트(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP25050I/P 데이터시트(HTML) 32 Page - Microchip Technology |
|
32 / 66 page ![]() MCP2502X/5X DS21664D-page 32 © 2007 Microchip Technology Inc. REGISTER 5-1: GPDDR - DATA DIRECTION REGISTER REGISTER 5-2: GPLAT - GPIO OUTPUT REGISTER REGISTER 5-3: IOINTEN REGISTER U-0 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 — DDR6 DDR5 DDR4 DDR3 DDR2 DDR1 DDR0 bit 7 bit 0 bit 7 Unimplemented: Read as ‘0’ bit 6-0 DDR6:DDR0: Data Direction Register* bits 1 = corresponding GPIO pin is configured as an input 0 = corresponding GPIO pin is configured as an output * must bet set if corresponding analog channel is enabled (see ADCON1) Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — GP6 GP5 GP4 GP3 GP2 GP1 GP0 bit 7 bit 0 bit 7 Unimplemented: Read as '0’ bit 6-0 GP6:GP0: GPIO Bits 1 = corresponding GPIO pin output latch is a ‘1’ 0 = corresponding GPIO pin output latch is a ‘0’ Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 GP7TXC GP6TXC GP5TXC GP4TXC GP3TXC GP2TXC GP1TXC GP0TXC bit 7 bit 0 bit 7-0 GP7TXC:GP0TXC: Transmit-on-change Enable bits 1 = Enable Transmit-On-Change/Compare For Corresponding GPIO/AN Channel 0 = Disable Transmit-On-Change/Compare For Corresponding GPIO/AN Channel Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |