| 전자부품 데이터시트 검색엔진 |
|
MCP4342T104E/ML 데이터시트(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4342T104E/ML 데이터시트(HTML) 12 Page - Microchip Technology |
|
12 / 80 page ![]() MCP434X/436X DS22233A-page 12 © 2009 Microchip Technology Inc. 1.1 SPI Mode Timing Waveforms and Requirements FIGURE 1-1: RESET Waveforms. TABLE 1-1: RESET TIMING Timing Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40°C ≤ T A ≤ +125°C (extended) All parameters apply across the specified operating ranges unless noted. VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices. Typical specifications represent values for VDD = 5.5V, TA = +25°C. Parameters Sym Min Typ Max Units Conditions RESET pulse width tRST 50 — — ns RESET rising edge normal mode (Wiper driving and SPI interface operational) tRSTD —— 20 ns RESET SCK tRST tRSTD Wx |