| 전자부품 데이터시트 검색엔진 |
|
PIC18F1220E/SSSQTP 데이터시트(PDF) 265 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1220E/SSSQTP 데이터시트(HTML) 265 Page - Microchip Technology |
|
265 / 308 page ![]() © 2007 Microchip Technology Inc. DS39605F-page 263 PIC18F1220/1320 TABLE 22-10: CAPTURE/COMPARE/PWM REQUIREMENTS (ALL CCP MODULES) FIGURE 22-12: EUSART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING TABLE 22-11: EUSART SYNCHRONOUS TRANSMISSION REQUIREMENTS Param. No. Symbol Characteristic Min Max Units Conditions 50 TccL CCPx Input Low Time No prescaler 0.5 TCY + 20 — ns With prescaler PIC18F1X20 10 — ns PIC18LF1X20 20 — ns 51 TccH CCPx Input High Time No prescaler 0.5 TCY + 20 — ns With prescaler PIC18F1X20 10 — ns PIC18LF1X20 20 — ns 52 TccP CCPx Input Period 3 TCY + 40 N — ns N = prescale value (1, 4 or 16) 53 TccR CCPx Output Fall Time PIC18F1X20 — 25 ns PIC18LF1X20 — 45 ns 54 TccF CCPx Output Fall Time PIC18F1X20 — 25 ns PIC18LF1X20 — 45 ns 121 121 120 122 RB1/AN5/TX/ RB4/AN6/RX/ DT/KBI0 pin CK/INT1 pin Note: Refer to Figure 22-5 for load conditions. Param. No. Symbol Characteristic Min Max Units Conditions 120 TckH2dtV SYNC XMIT (MASTER & SLAVE) Clock High to Data Out Valid PIC18F1X20 — 40 ns PIC18LF1X20 — 100 ns 121 Tckrf Clock Out Rise Time and Fall Time (Master mode) PIC18F1X20 — 20 ns PIC18LF1X20 — 50 ns 122 Tdtrf Data Out Rise Time and Fall Time PIC18F1X20 — 20 ns PIC18LF1X20 — 50 ns |