| 전자부품 데이터시트 검색엔진 |
|
TC7660SEOA 데이터시트(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7660SEOA 데이터시트(HTML) 10 Page - Microchip Technology |
|
10 / 11 page ![]() 10 TC7660S SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER TC7660S-14 9/16/96 © 2001 Microchip Technology Inc. DS21467A .050 (1.27) TYP. 8 ° MAX. .244 (6.20) .228 (5.79) .157 (3.99) .150 (3.81) .197 (5.00) .189 (4.80) .020 (0.51) .013 (0.33) .010 (0.25) .004 (0.10) .069 (1.75) .053 (1.35) .010 (0.25) .007 (0.18) .050 (1.27) .016 (0.40) 8-Pin Plastic SOIC PACKAGE DIMENSIONS (CONT.) 8-Pin CerDIP Dimensions: inches (mm) .400 (10.16) .370 (9.40) .300 (7.62) .230 (5.84) .065 (1.65) .045 (1.14) .055 (1.40) MAX. .020 (0.51) MIN. PIN 1 .200 (5.08) .160 (4.06) .200 (5.08) .125 (3.18) .110 (2.79) .090 (2.29) .020 (0.51) .016 (0.41) .040 (1.02) .020 (0.51) .320 (8.13) .290 (7.37) .150 (3.81) MIN. 3 ° MIN. .015 (0.38) .008 (0.20) .400 (10.16) .320 (8.13) |