| 전자부품 데이터시트 검색엔진 |
|
MCP4361104E/ST 데이터시트(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361104E/ST 데이터시트(HTML) 24 Page - Microchip Technology |
|
24 / 80 page ![]() MCP434X/436X DS22233A-page 24 © 2009 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-37: 100 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-38: 100 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-39: 100 k Ω – Nominal Resistance ( Ω) vs. Ambient Temperature and VDD. FIGURE 2-40: 100 k Ω Rheo Mode – R W ( Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-41: 100 k Ω Rheo Mode – R W ( Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-42: 100 k Ω – R WB (Ω) vs. Wiper Setting and Ambient Temperature. 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.2 -0.1 0 0.1 0.2 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.2 -0.15 -0.1 -0.05 0 0.05 0.1 0.15 0.2 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL R W -40°C 25°C 85°C 125°C 99000 99500 100000 100500 101000 101500 -40 0 40 80 120 Ambient Temperature (°C) 5.5V 2.7V 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.6 -0.4 -0.2 0 0.2 0.4 0.6 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL R W -40°C 25°C 85°C 125°C 0 20000 40000 60000 80000 100000 120000 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -40°C 25°C 85°C 125°C |