| 전자부품 데이터시트 검색엔진 |
|
MCP4361104E/ML 데이터시트(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361104E/ML 데이터시트(HTML) 7 Page - Microchip Technology |
|
7 / 80 page ![]() © 2009 Microchip Technology Inc. DS22233A-page 7 MCP434X/436X Full Scale Error (MCP43X1 only) (8-bit code = 100h, 7-bit code = 80h) VWFSE -6.0 -0.1 — LSb 5 k Ω 8-bit 3.0V ≤ V DD ≤ 5.5V -4.0 -0.1 — LSb 7-bit 3.0V ≤ V DD ≤ 5.5V -3.5 -0.1 — LSb 10 k Ω 8-bit 3.0V ≤ V DD ≤ 5.5V -2.0 -0.1 — LSb 7-bit 3.0V ≤ V DD ≤ 5.5V -0.8 -0.1 — LSb 50 k Ω 8-bit 3.0V ≤ V DD ≤ 5.5V -0.5 -0.1 — LSb 7-bit 3.0V ≤ V DD ≤ 5.5V -0.5 -0.1 — LSb 100 k Ω 8-bit 3.0V ≤ V DD ≤ 5.5V -0.5 -0.1 — LSb 7-bit 3.0V ≤ V DD ≤ 5.5V Zero Scale Error (MCP43X1 only) (8-bit code = 00h, 7-bit code = 00h) VWZSE —+0.1 +6.0 LSb 5 k Ω 8-bit 3.0V ≤ V DD ≤ 5.5V — +0.1 +3.0 LSb 7-bit 3.0V ≤ V DD ≤ 5.5V — +0.1 +3.5 LSb 10 k Ω 8-bit 3.0V ≤ V DD ≤ 5.5V — +0.1 +2.0 LSb 7-bit 3.0V ≤ V DD ≤ 5.5V — +0.1 +0.8 LSb 50 k Ω 8-bit 3.0V ≤ V DD ≤ 5.5V — +0.1 +0.5 LSb 7-bit 3.0V ≤ V DD ≤ 5.5V — +0.1 +0.5 LSb 100 k Ω 8-bit 3.0V ≤ V DD ≤ 5.5V — +0.1 +0.5 LSb 7-bit 3.0V ≤ V DD ≤ 5.5V Potentiometer Integral Non-linearity INL -1 ±0.5 +1 LSb 8-bit 3.0V ≤ V DD ≤ 5.5V MCP43X1 devices only (Note 2) -0.5 ±0.25 +0.5 LSb 7-bit Potentiometer Differential Non-linearity DNL -0.5 ±0.25 +0.5 LSb 8-bit 3.0V ≤ V DD ≤ 5.5V MCP43X1 devices only (Note 2) -0.25 ±0.125 +0.25 LSb 7-bit Bandwidth -3 dB (See Figure 2-54, load = 30 pF) BW — 2 — MHz 5 k Ω 8-bit Code = 80h — 2 — MHz 7-bit Code = 40h —1 — MHz 10 k Ω 8-bit Code = 80h — 1 — MHz 7-bit Code = 40h —200 — kHz 50 k Ω 8-bit Code = 80h — 200 — kHz 7-bit Code = 40h —100 — kHz 100 k Ω 8-bit Code = 80h — 100 — kHz 7-bit Code = 40h AC/DC CHARACTERISTICS (CONTINUED) DC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40°C ≤ T A ≤ +125°C (extended) All parameters apply across the specified operating ranges unless noted. VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices. Typical specifications represent values for VDD = 5.5V, TA = +25°C. Parameters Sym Min Typ Max Units Conditions Note 1: Resistance is defined as the resistance between terminal A to terminal B. 2: INL and DNL are measured at VW with VA = VDD and VB = VSS. 3: MCP43X1 only. 4: MCP43X2 only, includes VWZSE and VWFSE. 5: Resistor terminals A, W and B’s polarity with respect to each other is not restricted. 6: This specification by design. 7: Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and temperature. 8: The MCP43X1 is externally connected to match the configurations of the MCP43X2, and then tested. 9: POR/BOR is not rate dependent. 10: Supply current is independent of current through the resistor network. |