| 전자부품 데이터시트 검색엔진 |
|
MCP4361T503E/ST 데이터시트(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4361T503E/ST 데이터시트(HTML) 56 Page - Microchip Technology |
|
56 / 80 page ![]() MCP434X/436X DS22233A-page 56 © 2009 Microchip Technology Inc. 7.7 Increment Wiper Normal and High Voltage The Increment Command is an 8-bit command. The Increment Command can only be issued to volatile memory locations. The format of the command is shown in Figure 7-6. An Increment Command to the volatile memory location changes that location after a properly formatted command (8-clocks) have been received. Increment commands provide a quick and easy method to modify the value of the volatile wiper location by +1 with minimal overhead. FIGURE 7-6: Increment Command - SDI and SDO States. 7.7.1 SINGLE INCREMENT Typically, the CS pin starts at the inactive state (VIH), but may be already be in the active state due to the completion of another command. Figure 6-4 through Figure 6-5 show possible waveforms for a single increment. The increment operation requires that the CS pin be in the active state (VILor VIHH). Typically, the CS pin will be in the inactive state (VIH) and is driven to the active state (VILor VIHH). The 8-bit Increment Command (Command Byte) is then clocked in on the SDI pin by the SCK pins. The SDO pin drives the CMDERR bit on the 7th clock. The wiper value will increment up to 100h on 8-bit devices and 80h on 7-bit devices. After the wiper value has reached Full Scale (8-bit =100h, 7-bit =80h), the wiper value will not be incremented further. If the Wiper register has a value between 101h and 1FFh, the Increment command is disabled. See Table 7-4 for additional information on the Increment Command versus the current volatile wiper value. The Increment operations only require the Increment command byte while the CS pin is active (VILor VIHH) for a single increment. After the wiper is incremented to the desired position, the CS pin should be forced to VIH to ensure that unexpected transitions on the SCK pin do not cause the wiper setting to change. Driving the CS pin to VIH should occur as soon as possible (within device specifications) after the last desired increment occurs. TABLE 7-4: INCREMENT OPERATION VS. VOLATILE WIPER VALUE Note: Table 7-2 shows the valid addresses for the Increment Wiper command. Other addresses are invalid. A D 3 A D 2 A D 1 A D 0 01 X X 111111 1* 1 Note 1, 2 111111 0 0 Note 1, 3 (INCR COMMAND (n+1)) SDI SDO COMMAND BYTE Note 1: Only functions when writing the volatile wiper registers (AD3:AD0) 0h and 1h. 2: Valid Address/Command combination. 3: Invalid Address/Command combination all following SDO bits will be low until the CMDERR condition is cleared. (the CS pin is forced to the inactive state). 4: If a Command Error (CMDERR) occurs at this bit location (*), then all following SDO bits will be driven low until the CS pin is driven inactive (VIH). Current Wiper Setting Wiper (W) Properties Increment Command Operates? 7-bit Pot 8-bit Pot 3FFh 081h 3FFh 101h Reserved (Full Scale (W = A)) No 080h 100h Full Scale (W = A) No 07Fh 041h 0FFh 081 W = N 040h 080h W = N (Mid Scale) Yes 03Fh 001h 07Fh 001 W = N 000h 000h Zero Scale (W = B) Yes |