전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4361T103E/ML 데이터시트(PDF) 50 Page - Microchip Technology

부품명 MCP4361T103E/ML
상세설명  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4361T103E/ML 데이터시트(HTML) 50 Page - Microchip Technology

Back Button MCP4361T103E/ML Datasheet HTML 46Page - Microchip Technology MCP4361T103E/ML Datasheet HTML 47Page - Microchip Technology MCP4361T103E/ML Datasheet HTML 48Page - Microchip Technology MCP4361T103E/ML Datasheet HTML 49Page - Microchip Technology MCP4361T103E/ML Datasheet HTML 50Page - Microchip Technology MCP4361T103E/ML Datasheet HTML 51Page - Microchip Technology MCP4361T103E/ML Datasheet HTML 52Page - Microchip Technology MCP4361T103E/ML Datasheet HTML 53Page - Microchip Technology MCP4361T103E/ML Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
MCP434X/436X
DS22233A-page 50
© 2009 Microchip Technology Inc.
7.4
Continuous Commands
The device supports the ability to execute commands
continuously. While the CS pin is in the active state (VIL
or VIHH). Any sequence of valid commands may be
received.
The following example is a valid sequence of events:
1.
CS pin driven active (VIL or VIHH).
2.
Read Command.
3.
Increment Command (Wiper 0).
4.
Increment Command (Wiper 0).
5.
Decrement Command (Wiper 1).
6.
Write Command (Volatile memory).
7.
Write Command (Non-Volatile memory).
8.
CS pin driven inactive (VIH).
Note 1: It is recommended that while the CS pin is
active, only one type of command should
be issued. When changing commands, it
is recommended to take the CS pin
inactive then force it back to the active
state.
2: It
is
also
recommended
that
long
command strings should be broken down
into
shorter
command
strings.
This
reduces the probability of noise on the
SCK pin corrupting the desired SPI
command string.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80