| 전자부품 데이터시트 검색엔진 |
|
PIC18F1220TE/SOSQTP 데이터시트(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1220TE/SOSQTP 데이터시트(HTML) 96 Page - Microchip Technology |
|
96 / 308 page ![]() PIC18F1220/1320 DS39605F-page 94 © 2007 Microchip Technology Inc. FIGURE 10-11: BLOCK DIAGRAM OF RB4/AN6/RX/DT/KBI0 PIN Data Bus WR LATB or WR TRISB Data Latch TRIS Latch RD TRISB Q D Q CK QD EN DT Data 1 0 Q D Q CK RD PORTB RB4 pin PORTB RD LATB RBPU(2) P Weak Pull-up Q1 From other QD EN Set RBIF RB7:RB4 pins RD PORTB Q3 To A/D Converter EUSART Enabled TTL Input Buffer Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (INTCON2<7>). DT TRIS Analog Input Mode RX/DT Input Analog Input Mode Schmitt Trigger VDD |