| 전자부품 데이터시트 검색엔진 |
|
EPC2 데이터시트(PDF) 24 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC2 데이터시트(HTML) 24 Page - Altera Corporation |
|
24 / 26 page ![]() Page 24 Package Configuration Devices for SRAM-Based LUT Devices January 2012 Altera Corporation Package Figure 6 and Figure 7 show the configuration device package pin-outs. f For more information about package outlines and drawings, refer to the Package and Thermal Resistance page. Figure 6. EPC1, EPC1064, EPC1064V, EPC1213, and EPC1441 Package Pin-Out Diagrams (1) Notes to Figure 6: (1) EPC1 and EPC1441 devices are one-time programmable devices. ISP is not available in these devices. (2) The nCASC pin is available on EPC1 devices, which allows them to be cascaded. For EPC1441 devices, nCASC is a reserved pin and should be left unconnected. Figure 7. EPC2 Package Pin-Out Diagrams 8-Pin PDIP 32-Pin TQFP EPC1441 EPC1064 EPC1064V 20-Pin PLCC EPC1 EPC1441 EPC1213 EPC1064 EPC1064V EPC1 EPC1441 EPC1213 EPC1064 EPC1064V DATA DCLK OE nCS VCC VCC nCASC(2) GND 1 2 3 4 8 7 6 5 1 2 3 4 5 6 7 8 20 19 10 13 18 17 16 15 14 OE N.C. N.C. N.C. N.C. N.C. N.C. N.C. DCLK VCC 30 31 32 1 2 3 4 5 29 28 DCLK N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. 24 23 22 21 20 VCC 19 18 17 25 916 8 OE 6 7 10 11 12 13 14 15 27 26 911 12 32-Pin TQFP 20-Pin PLCC 1 2 3 4 5 6 7 8 20 19 11 10 912 13 18 17 16 15 14 OE N.C. VCCSEL DCLK N.C. VPP N.C. N.C. N.C. VPPSEL 30 31 32 1 2 3 4 5 29 28 N.C. N.C. DCLK N.C. VCCSEL N.C. 24 23 22 21 20 N.C. VPP N.C. N.C. 19 18 17 25 9 16 8 N.C. OE N.C. VPPSEL N.C. N.C. 6 7 10 11 12 13 14 15 27 26 |