| 전자부품 데이터시트 검색엔진 |
|
HCPL-260L 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-260L 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 19 page ![]() 2 Ordering Information HCPL-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577 Part number Option Package Surface Mount Gull Wing Tape & Reel UL 5000 Vrms/ 1 Min- ute rating IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant Non RoHS Compliant HCPL-260L -000E No option 300mil DIP-8 50 per tube -300E -300 X X 50 per tube -500E #500 X X X 1000 per reel -020E -020 X 50 per tube -320E -320 X X X 50 per tube -520E -520 X X X X 1000 per reel -060E #060 X 50 per tube -560E #560 X X X X 1000 per reel HCPL-263L -000E No option 300mil DIP-8 50 per tube -300E #300 X X 50 per tube -500E #500 X X X 1000 per reel -020E #020 X 50 per tube -320E -320 X X X 50 per tube -520E #520 X X X X 1000 per reel -060E -060 X 50 per tube -560E -560 X X X X 1000 per reel HCPL-060L -000E No option SO-8 X 100 per tube -500E #500 X X 1500 per reel -060E #060 X X 100 per tube -560E -560 X X X 1500 per reel HCPL-063L -000E No option SO-8 X 100 per tube -500E #500 X X 1500 per reel -060E -060 X X 100 per tube -560E -560 X X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Combination of Option 020 and Option 060 is not available. Example 1: HCPL-260L-560E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-5 Safety Approval in RoHS compliant. Example 2: HCPL-263L to order product of 300mil DIP package in tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and RoHS compliant option will use ‘-XXXE‘. |