전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5962 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-5962
상세설명  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5962 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5962 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LED
V
CC - VEE
V
CC- VEE
V
O
“POSITIVE
GOING”
(i.e., TURN-ON)
“NEGATIVE
GOING”
(i.e., TURN-OFF)
OFF
0 - 30 V
0 - 30 V
LOW
ON
0 - 11 V
0 - 9.5 V
LOW
ON
11 - 13.5 V
9.5 - 12 V
TRANSITION
ON
13.5 - 30 V
12 - 30 V
HIGH
A 0.1
F bypass capacitor must be connected between pins 5 and 8.
Truth Table
Selection Guide:
Lead Configuration Options
Avago Technologies Part Number and Options
Commercial
HCPL-5120
MIL-PRF-38534, Class H
HCPL-5121
Standard Lead Finish
Gold Plate
Solder Dipped *
Option - 200
Butt Cut/Gold Plate
Option - 100
Gull Wing/Soldered *
Option - 300
SMD Part Number
Prescript for all below
5962-
Gold Plate
0420401HPC
Solder Dipped *
0420401HPA
Butt Cut/Gold Plate
0420401HYC
Butt Cut/Soldered *
0420401HYA
Gull Wing/Soldered *
0420401HXA
* Solder contains lead
Device Marking
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A
HCPL-512x
5962-04204
01Hxx
50434
COUNTRY OF MFR.
AVAGO CAGE CODE*
AVAGO DESIGNATOR
DLA SMD*
PIN ONE/
ESD IDENT
AVAGO P/N
DLA SMD*
* QUALIFIED PARTS ONLY
SGP
QYYWWZ
Outline Drawing
3.81 (0.150)
MIN.
4.32 (0.170)
MAX.
9.40 (0.370)
9.91 (0.390)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.76 (0.030)
1.27 (0.050)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
7.16 (0.282)
7.57 (0.298)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com