전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCIF1 데이터시트(PDF) 120 Page - ATMEL Corporation

부품명 PCIF1
상세설명  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF1 데이터시트(HTML) 120 Page - ATMEL Corporation

Back Button PCIF1 Datasheet HTML 116Page - ATMEL Corporation PCIF1 Datasheet HTML 117Page - ATMEL Corporation PCIF1 Datasheet HTML 118Page - ATMEL Corporation PCIF1 Datasheet HTML 119Page - ATMEL Corporation PCIF1 Datasheet HTML 120Page - ATMEL Corporation PCIF1 Datasheet HTML 121Page - ATMEL Corporation PCIF1 Datasheet HTML 122Page - ATMEL Corporation PCIF1 Datasheet HTML 123Page - ATMEL Corporation PCIF1 Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 294 page
background image
120
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
The Timer/Counter Overflow Flag (TOV1) is set according to the mode of operation selected
by the WGM13:0 bits. TOV1 can be used for generating a CPU interrupt.
12.6
Input Capture Unit
The Timer/Counter incorporates an Input Capture unit that can capture external events and
give them a time-stamp indicating time of occurrence. The external signal indicating an event,
or multiple events, can be applied via the ICP1 pin or alternatively, via the analog-comparator
unit. The time-stamps can then be used to calculate frequency, duty-cycle, and other features
of the signal applied. Alternatively the time-stamps can be used for creating a log of the
events.
The Input Capture unit is illustrated by the block diagram shown in Figure 12-3. The elements
of the block diagram that are not directly a part of the Input Capture unit are gray shaded.
Figure 12-3. Input Capture Unit Block Diagram
When a change of the logic level (an event) occurs on the Input Capture pin (ICP1), alterna-
tively on the Analog Comparator output (ACO), and this change confirms to the setting of the
edge detector, a capture will be triggered. When a capture is triggered, the 16-bit value of the
counter (TCNT1) is written to the Input Capture Register (ICR1). The Input Capture Flag
(ICF1) is set at the same system clock as the TCNT1 value is copied into ICR1 Register. If
enabled (ICIE1 = 1), the Input Capture Flag generates an Input Capture interrupt. The ICF1
flag is automatically cleared when the interrupt is executed. Alternatively the ICF1 flag can be
cleared by software by writing a logical one to its I/O bit location.
Reading the 16-bit value in the Input Capture Register (ICR1) is done by first reading the low
byte (ICR1L) and then the high byte (ICR1H). When the low byte is read the high byte is cop-
ied into the high byte temporary register (TEMP). When the CPU reads the ICR1H I/O location
it will access the TEMP Register.
The ICR1 Register can only be written when using a Waveform Generation mode that utilizes
the ICR1 Register for defining the counter’s TOP value. In these cases the Waveform Genera-
tion mode (WGM13:0) bits must be set before the TOP value can be written to the ICR1
WRITE
ICRn (16-bit Register)
ICRnH (8-bit)
TEMP (8-bit)
DATA BUS (8-bit)
ICRnL (8-bit)
TCNTn (16-bit Counter)
TCNTnH (8-bit)
TCNTnL (8-bit)
ICF1n (Int.Req.)
Noise
Canceler
Edge
Detector
ACIC
ICNCn
ICESn
ICPn
Analog
Comparator
ACO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com