전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16100PCB 데이터시트(PDF) 13 Page - Analog Devices

부품명 ADIS16100PCB
상세설명  iSensor PC-USB Evaluation System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16100PCB 데이터시트(HTML) 13 Page - Analog Devices

Back Button ADIS16100PCB Datasheet HTML 7Page - Analog Devices ADIS16100PCB Datasheet HTML 8Page - Analog Devices ADIS16100PCB Datasheet HTML 9Page - Analog Devices ADIS16100PCB Datasheet HTML 10Page - Analog Devices ADIS16100PCB Datasheet HTML 11Page - Analog Devices ADIS16100PCB Datasheet HTML 12Page - Analog Devices ADIS16100PCB Datasheet HTML 13Page - Analog Devices ADIS16100PCB Datasheet HTML 14Page - Analog Devices ADIS16100PCB Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Preliminary Technical Data
ADISEVAL/USBZ
Rev. PrA | Page 13 of 15
1
2
4
5
3
6
FIGURE FLAG NOTES:
1.
Perform a single read of the ADIS16209’s output data
2.
XINCL_OUT and YINCL_OUT are horizontal incline outputs. ROTATION is the vertical-oriented rotational position
measurement. This requires the X and Y axes to be in the vertical plane, with respect to the earth’s surface.
3.
This graph displays the vertical oriented, rotational position. This requires the X and Y axes to be in the vertical plane, with
respect to the earth’s surface.
4.
Start and stop continuous reading of the ADIS16209’s output data. The acquisition loop time provides rough control over
sample times. Please note that this data will not have a high degree of coherence.
5.
The acquisition loop time provides rough control over sample times. Please note that this data will not have a high degree of
coherence.
6.
Configure the ADIS16209’s internal sample rate and filter response.
Figure 19. ADIS16209 Evaluation Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15