| 전자부품 데이터시트 검색엔진 |
|
DAC8248FS 데이터시트(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8248FS 데이터시트(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() –16– Figure 12. DAC8248 to MC6809 Interface Figure 13. DAC8248 to MC68008 Interface OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 24-Lead Cerdip (Q-24) 24 1 12 13 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.098 (2.49) MAX SEATING PLANE 0.023 (0.58) 0.014 (0.36) 0.200 (5.08) MAX 1.280 (32.51) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC 0.060 (1.52) 0.015 (0.38) 0.070 (1.78) 0.030 (0.76) 15 ° 0 ° 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 24 Lead SOL (R-24) 24 13 12 1 0.6141 (15.60) 0.5985 (15.20) PIN 1 SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.1043 (2.65) 0.0926 (2.35) 0.0500 (1.27) BSC 0.0125 (0.32) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 8 ° 0 ° 0.0291 (0.74) 0.0098 (0.25) x 45 ° 24-Lead Plastic DIP (N-24) 24 112 13 0.280 (7.11) 0.240 (6.10) PIN 1 1.275 (32.30) 1.125 (28.60) 0.150 (3.81) MIN 0.200 (5.05) 0.125 (3.18) SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) |