전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADS1605IPAPRG4 데이터시트(PDF) 12 Page - Texas Instruments

부품명 ADS1605IPAPRG4
상세설명  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADS1605IPAPRG4 데이터시트(HTML) 12 Page - Texas Instruments

Back Button ADS1605IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 9Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 10Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 11Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 12Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 13Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 14Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 15Page - Texas Instruments ADS1605IPAPRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
12
TYPICAL CHARACTERISTICS
All specifications at TA = 25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, 2XMODE = low, VCM = 2.0V, and
RBIAS = 37kΩ, unless otherwise noted.
SPECTRAL RESPONSE
0
0.5
1.0
1.5
2.0
2.5
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN =100kHz, − 2dBFS
SNR = 88dB
THD =
−93dB
SFDR = 96dB
SPECTRAL RESPONSE
0
0.5
1.0
1.5
2.0
2.5
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN =100kHz, − 6dBFS
SNR = 84dB
THD =
−99dB
SFDR = 101dB
SPECTRAL RESPONSE
0
0.5
1.0
1.5
2.0
2.5
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN = 500kHz, −2dBFS
SNR = 86dB
THD =
−97dB
SFDR = 97dB
SPECTRAL RESPONSE
0
0.5
1.0
1.5
2.0
2.5
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN =500kHz, − 6dBFS
SNR = 83dB
THD =
−103dB
SFDR = 106dB
SPECTRAL RESPONSE
0
0.5
1.0
1.5
2.0
2.5
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN =2MHz, − 2dBFS
SNR = 84dB
THD =
−98dB
SFDR = 102dB
SPECTRAL RESPONSE
0
0.5
1.0
1.5
2.0
2.5
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
f
IN =2MHz, −6dBFS
SNR = 82dB
THD =
−101dB
SFDR = 105dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com