전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0804LCWMX/NOPB 데이터시트(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC0804LCWMX/NOPB
상세설명  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCWMX/NOPB 데이터시트(HTML) 22 Page - Texas Instruments

Back Button ADC0804LCWMX/NOPB Datasheet HTML 18Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 19Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 20Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 21Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 22Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 23Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 24Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 25Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
Noise
The leads to the analog inputs (pins 6 and 7) should be kept as short as possible to minimize input noise
coupling. Both noise and undesired digital clock coupling to these inputs can cause system errors. The source
resistance for these inputs should, in general, be kept below 5 k
Ω. Larger values of source resistance can cause
undesired system noise pickup. Input bypass capacitors, placed from the analog inputs to ground, will eliminate
system noise pickup but can create analog scale errors as these capacitors will average the transient input
switching currents of the A/D (see Analog Inputs — Input Current). This scale error depends on both a large
source resistance and the use of an input bypass capacitor. This error can be eliminated by doing a full-scale
adjustment of the A/D (adjust VREF/2 for a proper full-scale reading — see Full-Scale) with the source resistance
and input bypass capacitor in place.
22
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48