전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9852AST 데이터시트(PDF) 12 Page - Analog Devices

부품명 AD9852AST
상세설명  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9852AST 데이터시트(HTML) 12 Page - Analog Devices

Back Button AD9852AST Datasheet HTML 8Page - Analog Devices AD9852AST Datasheet HTML 9Page - Analog Devices AD9852AST Datasheet HTML 10Page - Analog Devices AD9852AST Datasheet HTML 11Page - Analog Devices AD9852AST Datasheet HTML 12Page - Analog Devices AD9852AST Datasheet HTML 13Page - Analog Devices AD9852AST Datasheet HTML 14Page - Analog Devices AD9852AST Datasheet HTML 15Page - Analog Devices AD9852AST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
AD9852
Rev. E | Page 12 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4 to Figure 9 indicate the wideband harmonic distortion performance of the AD9852 from 19.1 MHz to 119.1 MHz fundamental
output, reference clock = 30 MHz, REFCLK multiplier = 10×. Each graph is plotted from 0 MHz to 150 MHz (Nyquist).
0
START 0Hz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
15MHz/
STOP 150MHz
Figure 4. Wideband SFDR, 19.1 MHz
0
START 0Hz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
15MHz/
STOP 150MHz
Figure 5. Wideband SFDR, 39.1 MHz
0
START 0Hz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
15MHz/
STOP 150MHz
Figure 6. Wideband SFDR, 59.1 MHz
0
START 0Hz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
15MHz/
STOP 150MHz
Figure 7. Wideband SFDR, 79.1 MHz
0
START 0Hz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
15MHz/
STOP 150MHz
Figure 8. Wideband SFDR, 99.1 MHz
0
START 0Hz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
15MHz/
STOP 150MHz
Figure 9. Wideband SFDR, 119.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com