전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADCMP561BRQ 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADCMP561BRQ
상세설명  Dual High Speed PECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADCMP561BRQ 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADCMP561BRQ Datasheet HTML 3Page - Analog Devices ADCMP561BRQ Datasheet HTML 4Page - Analog Devices ADCMP561BRQ Datasheet HTML 5Page - Analog Devices ADCMP561BRQ Datasheet HTML 6Page - Analog Devices ADCMP561BRQ Datasheet HTML 7Page - Analog Devices ADCMP561BRQ Datasheet HTML 8Page - Analog Devices ADCMP561BRQ Datasheet HTML 9Page - Analog Devices ADCMP561BRQ Datasheet HTML 10Page - Analog Devices ADCMP561BRQ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADCMP561/ADCMP562
Rev. A | Page 7 of 16
Pin No.
ADCMP561
ADCMP562
Mnemonic
Function
14
17
GND
Analog Ground.
15
18
QB
One of two complementary outputs for Channel B. QB is logic low if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the
comparator is in compare mode). See the description of PIN LEB for more information.
16
19
QB
One of two complementary outputs for Channel B. QB is logic high if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the
comparator is in compare mode). See the description of Pin LEB for more information.
20
VDD
Logic Supply Terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16