| 전자부품 데이터시트 검색엔진 |
|
ADP5589ACBZ-01-R7 데이터시트(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACBZ-01-R7 데이터시트(HTML) 21 Page - Analog Devices |
|
21 / 52 page ![]() Data Sheet ADP5589 Rev. B | Page 21 of 52 REGISTER MAP Table 6. Addr. R/W Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x00 R MAN_ID REV_ID 0x01 R/W Reserved LOGIC2_INT LOGIC1_ INT LOCK_INT OVRFLOW_ INT GPI_INT EVENT_INT 0x02 R LOGIC2_STAT LOGIC1_STAT LOCK_STAT EC[4:0] 0x03 R Event1_State EVENT1_IDENTIFIER[6:0] 0x04 R Event2_State EVENT2_IDENTIFIER[6:0] 0x05 R Event3_State EVENT3_IDENTIFIER[6:0] 0x06 R Event4_State EVENT4_IDENTIFIER[6:0] 0x07 R Event5_State EVENT5_IDENTIFIER[6:0] 0x08 R Event6_State EVENT6_IDENTIFIER[6:0] 0x09 R Event7_State EVENT7_IDENTIFIER[6:0] 0x0A R Event8_State EVENT8_IDENTIFIER[6:0] 0x0B R Event9_State EVENT9_IDENTIFIER[6:0] 0x0C R Event10_State EVENT10_IDENTIFIER[6:0] 0x0D R Event11_State EVENT11_IDENTIFIER[6:0] 0x0E R Event12_State EVENT12_IDENTIFIER[6:0] 0x0F R Event13_State EVENT13_IDENTIFIER[6:0] 0x10 R Event14_State EVENT14_IDENTIFIER[6:0] 0x11 R Event15_State EVENT15_IDENTIFIER[6:0] 0x12 R Event16_State EVENT16_IDENTIFIER[6:0] 0x13 R GPI_INT_STAT_A[7:0] 0x14 R GPI_INT_STAT_B[7:0] 0x15 R Reserved GPI_INT_STAT_C[2:0] 0x16 R GPI_STATUS_A[7:0] 0x17 R GPI_STATUS_B[7:0] 0x18 R Reserved GPI_STATUS_C[2:0] 0x19 R/W RPULL_CONFIG_A[7:0] 0x1A R/W RPULL_CONFIG_B[7:0] 0x1B R/W RPULL_CONFIG_C[7:0] 0x1C R/W RPULL_CONFIG_D[7:0] 0x1D R/W Reserved RPULL_CONFIG_E[5:0] 0x1E R/W GPI_INT_LEVEL_A[7:0] 0x1F R/W GPI_INT_LEVEL_B[7:0] 0x20 R/W Reserved GPI_INT_LEVEL_C[2:0] 0x21 R/W GPI_EVENT_EN_A[7:0] 0x22 R/W GPI_EVENT_EN_B[7:0] 0x23 R/W Reserved GPI_EVENT_EN_C[2:0] 0x24 R/W GPI_INTERRUPT_EN_A[7:0] 0x25 R/W GPI_INTERRUPT_EN_B[7:0] 0x26 R/W Reserved GPI_INTERRUPT_EN_C[2:0] 0x27 R/W DEBOUNCE_DIS_A[7:0] 0x28 R/W DEBOUNCE_DIS_B[7:0] 0x29 R/W Reserved DEBOUNCE_DIS_C[2:0] 0x2A R/W GPO_DATA_OUT_A[7:0] 0x2B R/W GPO_DATA_OUT_B[7:0] 0x2C R/W Reserved GPO_DATA_OUT_C[2:0] 0x2D R/W GPO_OUT_MODE_A[7:0] 0x2E R/W GPO_OUT_MODE_B[7:0] 0x2F R/W Reserved GPO_OUT_MODE_C[2:0] 0x30 R/W GPIO_DIRECTION_A[7:0] 0x31 R/W GPIO_DIRECTION_B[7:0] 0x32 R/W Reserved GPIO_DIRECTION_C[2:0] |