전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBCHDFSS44S 데이터시트(PDF) 3 Page - Dubilier

부품명 DBCHDFSS44S
상세설명  D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DUBILIER [Dubilier]
홈페이지  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCHDFSS44S 데이터시트(HTML) 3 Page - Dubilier

  DBCHDFSS44S Datasheet HTML 1Page - Dubilier DBCHDFSS44S Datasheet HTML 2Page - Dubilier DBCHDFSS44S Datasheet HTML 3Page - Dubilier DBCHDFSS44S Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
260
OUTLINE DRAWING
D TYPE CONNECTORS LOW COST
HIGH DENSITY PCB RIGHT ANGLE
SPECIFICATION
ORDERING INFORMATION
DBC
HD
F
SR
26
Dubilier
Connectors
Series
HD = High
Density
Stamped &
Formed
Contact Type
M = Male
F = Female
Contact Style
SR = PCB
Right Angle
No of Ways
15 =15 ways
26 = 26 ways
44 = 44ways
62 = 62ways
Contact
Plating
G = Gold Flash
G
D
C
B
A
D
C
B
A
D
C
B
A
D
C
B
A
15, 26, 44, 62 way
Stamped & Formed Contacts
Gold Plated Contacts
Tin Plated Metal Housing
Low Cost
Complete with Boardlocks + Screwlocks
Material
Insulator:
PBT +30% Glass Fibre
UL94V-0
Pin Contact:
Phosphor Bronze
Gold Plated
Shell:
Steel, SPCC
Nickel and Tin Plated
Electrical Data
Rating Current:
350V AC
Rated Current:
5A
Withstand Voltage:
500V AC(rms)
Contact Resistance:
5 mΩ at 1A
Insulation Resistance:
Over 1000MΩ
Temperature:
-20˚C to to 100˚C
FEMALE
MALE
78 POSITION FEMALE
POSITION
A
B
C
D
E
15F
16.30 25.00 30.8
2.29 1.145
26F
24.60 33.30 39.2
2.29 1.145
44F
38.30 47.10 53.1
2.29 1.145
62F
54.80 63.50 69.4
2.41 1.205
78F
52.0
61.00 67.0
2.41
-
POSITION
A
B
C
D
E
15M
16.92 25.00 30.8
2.29 1.145
26M
25.25 33.30 39.2
2.29 1.145
44M
38.96 47.10 53.1
2.29 1.145
62M
55.42 63.50 69.4
2.41 1.205
www.dubilier.co.uk



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com