전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3661 데이터시트(PDF) 7 Page - ams AG

부품명 AS3661
상세설명  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3661 데이터시트(HTML) 7 Page - ams AG

Back Button AS3661 Datasheet HTML 3Page - ams AG AS3661 Datasheet HTML 4Page - ams AG AS3661 Datasheet HTML 5Page - ams AG AS3661 Datasheet HTML 6Page - ams AG AS3661 Datasheet HTML 7Page - ams AG AS3661 Datasheet HTML 8Page - ams AG AS3661 Datasheet HTML 9Page - ams AG AS3661 Datasheet HTML 10Page - ams AG AS3661 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
6 - 85
AS3661
Datasheet - P i n o u t
D5
GND
Ground
E1
LED9
LED9 Output. Current source from VBAT.
E2
GPO
General Purpose Output. Leave unconnected if not used.
E3
TRIG
Trigger Input. Open drain, connect to ground if not used.
E4
SDA
Serial-Data I/O. Open drain digital I/O I²C data pin.
E5
SCL
Serial-Clock Input
Table 1. Pin Description for AS3661
Pin Number
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87