| 전자부품 데이터시트 검색엔진 |
|
AS3953 데이터시트(PDF) 39 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3953 데이터시트(HTML) 39 Page - ams AG |
|
39 / 42 page ![]() www.ams.com Revision 1.0 39 - 42 AS3953 Datasheet - P ac k a ge D ra w i n gs a nd M a r ki n gs Figure 17. Gold Bumped Dies 11-pins Table 12. Specification for Gold Bumps Item Min Max Unit Backgrinded Wafer Height (excl bimp height) 100 µm Bump Height 13 17 µm Height Coplanarity for within Wafer < 4 µm Height Coplanarity for within Die < 2 µm Surface roughness <= 3 µm Hardness 35 65 Hv Shear Force 8 >= mg/µm 2 |