전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3953A-BDFM 데이터시트(PDF) 11 Page - ams AG

부품명 AS3953A-BDFM
상세설명  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM 데이터시트(HTML) 11 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 7Page - ams AG AS3953A-BDFM Datasheet HTML 8Page - ams AG AS3953A-BDFM Datasheet HTML 9Page - ams AG AS3953A-BDFM Datasheet HTML 10Page - ams AG AS3953A-BDFM Datasheet HTML 11Page - ams AG AS3953A-BDFM Datasheet HTML 12Page - ams AG AS3953A-BDFM Datasheet HTML 13Page - ams AG AS3953A-BDFM Datasheet HTML 14Page - ams AG AS3953A-BDFM Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
www.ams.com
Revision 1.0
11 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
7.3 Power Manager
Power manager is controlling the positive supply voltage of the PICC Logic, EEPROM and SPI Interface (VDD). Its inputs are VP_INT (rectified
and regulated supply extracted from PCD field) and the VP_SPI (SPI power supply from external).
In standby mode, when the AS3953 is not in a PCD field (condition is that rectified supply voltage is below HF_PON threshold) and the SPI is not
active (/SS is high) the VDD supply is disconnected not to consume on VP_SPI. The only consumption on VP_SPI is leakage of level shifters
and SPI pins.
When the AS3953 is placed in a PCD field the VDD is connected to VP_INT. This happens once the VP_INT level is above the HF_PON
threshold.
VP_SPI is connected to VDD only when the AS3953 is not in the PCD field (rectified supply voltage is below HF_PON threshold) and the SPI
interface is activated by pulling /SS signal low. The switch to VP_SPI is controlled by /SS signal. The deactivation is delayed by 0.7ms min., thus
the switch stays on in case the time between successive SPI activations shorter. During EEPROM writing, which is activated over the SPI, the
switch is also active.
At activation of the switch the time between the falling edge of /SS signal and rising edge of SCLK has to be at least 50µs to allow charging of
internal VDD buffer capacitor and expiration of POR signal. Please note that the only SPI operations, which are allowed in this mode, are reading
and writing of the EEPROM and registers.
Figure 5. Power Manager Concept
7.4 ISO 14443A Framing Mode
When Framing mode is selected the PICC logic performs receive and transmit framing according to the selected ISO 14443A bit rate.
During reception it recognizes the SOF, EOF and data bits, performs parity and CRC check, organizes the received data in bytes and places
them in the FIFO.
During transmit, it operates inversely, it takes bytes from FIFO, generates parity and CRC bits, adds SOF and EOF and performs data encoding.
Default bit rate in the Framing mode is fc/128 (~106 kb/s). Higher data rates may be configured by controller by writing the Bit Rate Definition
Register.
In order to respect the PCD-to-PICC frame delay according to ISO14443-3 at data rate fc/128 bit the PICC logic synchronizes the response to
the beginning of the next response window, but not earlier than window with n=9.
In this mode the EEPROM can be accessed via SPI when the RF field is active.
DELAY
VP_INT
VP_SPI
VDD
PON
/SS
EEPROM
WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com