전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RPC04103F 데이터시트(PDF) 2 Page - Dubilier

부품명 RPC04103F
상세설명  SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DUBILIER [Dubilier]
홈페이지  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

RPC04103F 데이터시트(HTML) 2 Page - Dubilier

  RPC04103F Datasheet HTML 1Page - Dubilier RPC04103F Datasheet HTML 2Page - Dubilier RPC04103F Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
138
SURFACE MOUNT
SURFACE MOUNT CHIP RESISTOR RPC
POWER RATING
* Low value resistors available between 0.01Ω - 1Ω in ±1% & ±5% TCR = 200ppm/˚C to 600ppm/˚C
Resistance Range/PPM
Size
Code
Power
Rating
Max Working
Voltage
Max Overload
Voltage
F(±1%)
E-96
PPM/°C
J(±5%)
E-24
PPM/°C
0402
1/16w
50v
100v
1R - < 10R
200
1R - < 10R
200
0402
1/16w
50v
100v
10R-10M
100
10R-10M
100
0603
1/10w
50v
100v
1R - < 10R
200
1R - < 10R
10M-22M
200
0603
1/10w
50v
100v
10R-10M
100
10R-10M
100
0805
1/8w
150v
300v
1R - < 10R
200
1R - < 10R
10M-22M
200
0805
1/8w
150v
300v
10R-10M
100
10R-10M
100
1206
1/4w
200v
400v
1R - < 10R
200
1R - < 10R
10M-22M
200
1206
1/4w
200v
400v
10R-10M
100
10R-10M
100
1210
1/2w
200v
500v
1R - < 10R
200
1R - < 10R
10M-22M
200
2010
1/2w
200v
500v
10R-10M
100
10R-10M
100
2010
3/4w
200v
500v
1R - < 10R
200
1R - < 10R
10M-22M
200
2010
3/4w
200v
500v
10R-10M
100
10R-10M
100
2512
1w
200v
500v
1R - < 10R
200
1R - < 10R
10M-22M
200
2512
1w
200v
500v
10R-10M
100
10R-10M
100
www.dubilier.co.uk



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com