| 전자부품 데이터시트 검색엔진 |
|
HIP4082IP 데이터시트(PDF) 4 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HIP4082IP 데이터시트(HTML) 4 Page - Intersil Corporation |
|
4 / 12 page ![]() 4 FN3676.4 January 3, 2006 Absolute Maximum Ratings Thermal Information Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 16V Logic I/O Voltages . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V Voltage on AHS, BHS . . . . . -6V (Transient) to 80V (25°C to 150°C) Voltage on AHS, BHS . . . . . -6V (Transient) to 70V (-55°C to150°C) Voltage on AHB, BHB . . . . . . . . VAHS, BHS -0.3V to VAHS, BHS +VDD Voltage on ALO, BLO. . . . . . . . . . . . . . . . . . VSS -0.3V to VDD +0.3V Voltage on AHO, BHO . . . VAHS, BHS -0.3V to VAHB, BHB +0.3V Input Current, DEL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5mA to 0mA Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns NOTE: All voltages are relative VSS unless otherwise specified. Thermal Resistance θJA (°C/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115 DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . See Curve Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C Operating Max. Junction Temperature. . . . . . . . . . . . . . . . . . +150°C Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300°C (For SOIC - Lead Tips Only)) Operating Conditions Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . +8.5V to +15V Voltage on VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +1.0V Voltage on AHB, BHB . . . . . . . .VAHS, BHS +7.5V to VAHS, BHS +VDD Input Current, DEL . . . . . . . . . . . . . . . . . . . . . . . . . -4mA to -100 µA CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Electrical Specifications VDD = VAHB = VBHB = 12V, VSS = VAHS = VBHS = 0V, RDEL = 100K PARAMETER SYMBOL TEST CONDITIONS TJ = +25°C TJ = -55°C TO +150°C UNITS MIN TYP MAX MIN MAX SUPPLY CURRENTS & UNDER VOLTAGE PROTECTION VDD Quiescent Current IDD All inputs = 0V, RDEL = 100K 1.2 2.3 3.5 0.85 4 mA All inputs = 0V, RDEL = 10K 2.2 4.0 5.5 1.9 6.0 mA VDD Operating Current IDDO f = 50kHz, no load 1.5 2.6 4.0 1.1 4.2 mA 50kHz, no load, RDEL = 10kΩ 2.5 4.0 6.4 2.1 6.6 mA AHB, BHB Off Quiescent Current IAHBL, IBHBL AHI = BHI = 0V 0.5 1.0 1.5 0.4 1.6 mA AHB, BHB On Quiescent Current IAHBH, IBHBH AHI = BHI = VDD 65 145 240 40 250 µA AHB, BHB Operating Current IAHBO, IBHBO f = 50kHz, CL = 1000pF .65 1.1 1.8 .45 2.0 mA AHS, BHS Leakage Current IHLK VAHS = VBHS = 80V VAHB = VBHB = 96 VDD = Not Connected -- 1.0 - - µA VDD Rising Undervoltage Threshold VDDUV+ 6.8 7.6 8.25 6.5 8.5 V VDD Falling Undervoltage Threshold VDDUV- 6.5 7.1 7.8 6.25 8.1 V Undervoltage Hysteresis UVHYS 0.17 0.4 0.75 0.15 0.90 V AHB, BHB Undervoltage Threshold VHBUV Referenced to AHS & BHS 5 6.0 7 4.5 7.5 V INPUT PINS: ALI, BLI, AHI, BHI, & DIS Low Level Input Voltage VIL Full Operating Conditions - - 1.0 - 0.8 V High Level Input Voltage VIH Full Operating Conditions 2.5 - - 2.7 V Input Voltage Hysteresis -35- - - mV Low Level Input Current IIL VIN = 0V, Full Operating Conditions -145 -100 -60 -150 -50 µA High Level Input Current IIH VIN = 5V, Full Operating Conditions -1 - +1 -10 +10 µA TURN-ON DELAY PIN DEL Dead Time TDEAD RDEL = 100K 2.5 4.5 8.0 2.0 8.5 µs RDEL = 10K 0.27 0.5 0.75 0.2 0.85 µs HIP4082 |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |