전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM188ES-40VCW 데이터시트(PDF) 46 Page - InnovASIC, Inc

부품명 AM188ES-40VCW
상세설명  8-Bit/16-Bit Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INNOVASIC [InnovASIC, Inc]
홈페이지  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

AM188ES-40VCW 데이터시트(HTML) 46 Page - InnovASIC, Inc

Back Button AM188ES-40VCW Datasheet HTML 42Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 43Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 44Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 45Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 46Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 47Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 48Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 49Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 50Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 46 of 154
1-888-824-4184
®
Table 13. DC Characteristics Over Commercial Operating Ranges
Symbol
Parameter Description
Test Conditions
Preliminary
Unit
Min
Max
VIL
Input Low Voltage (Except x1)
–
−0.5
0.8
V
VIL1
Clock Input Low Voltage (x1)
–
−0.5
0.8
V
VIH
Input High Voltage (Except res_n
and x1)
–
2.0
vcc +0.5
V
VIH1
Input High Voltage (res_n)
–
2.4
vcc +0.5
V
VIH2
Clock Input High Voltage (x1)
–
vcc–0.8
vcc +0.5
V
VOL
Output Low Voltages
IOL = 2.5 mA (s2_n–s0_n)
–
0.45
V
IOL = 2.0 mA (other)
–
0.45
V
VOH
Output High Voltagesa
IOH = −2.4 mA @ 2.4 V
2.4
vcc +0.5
V
IOH = −200 A @ vcc −0.5
vcc −0.5
vcc
V
ICC
Power Supply Current @ 0 C
vcc = 5.5 Vb
–
5.9
mA/
MHz
ILI
Input Leakage Current @ 0.5
MHz
0.45 V
VIN
vcc
–
10
A
ILO
Output Leakage Current @ 0.5
MHz
0.45 V
VOUT
vcc c
–
10
A
VCLO
Clock Output Low
ICLO = 4.0 mA
–
0.45
V
VCHO
Clock Output High
ICHO = −500 A
vcc −0.5
–
V
aThe lcs_n/once0_n, mcs3_n–mcs0_n, ucs_n/once1_n, and rd_n pins have weak internal pullup resistors. Loading
the lcs_n/once0_n and ucs_n/once1_n pins in excess of IOH = −200 A during reset can cause the device to go into
ONCE mode.
bCurrent is measured with the device in reset with the x1 and x2 driven and all other non-power pins open but held
high or low.
cTesting is performed with the pins floating, either during hold or by invoking the ONCE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com